Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1385 Datasheet HTML 12Page - Analog Devices AD1385 Datasheet HTML 13Page - Analog Devices AD1385 Datasheet HTML 14Page - Analog Devices AD1385 Datasheet HTML 15Page - Analog Devices AD1385 Datasheet HTML 16Page - Analog Devices AD1385 Datasheet HTML 17Page - Analog Devices AD1385 Datasheet HTML 18Page - Analog Devices AD1385 Datasheet HTML 19Page - Analog Devices AD1385 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD1385
REV. 0
–20–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Pin Bottom Brazed Ceramic DIP (DH-48A)
AD1385 EVALUATION BOARD PARTS LIST
Qty. Ref. Des.
Description (Manufacturer/PN)
1
C1
Ceramic Capacitor, 10 pF, 50 V
(Mallory CEC100J)
13
C2, C3, C6, C7, C11,
Tantalum Capacitor, 10
µF, 35 V
C12, C21, C22, C26,
(Mallory TDL106K035S1D)
C27, C29–C31
16
C4, C5, C8–C10,
Ceramic Cap, 0.1
µF, 100 V(Murata
C13–C20, C23–C25
Erie RPE122Z5U104M100V)
2
C28, C32
Tantalum Capacitor, 39
µF, 10 V
(Kemet T110B396K010AS)
4
CR1–CR4
1N4001 Diode
3
J7, J13, J14
BNC Female, PC Mount
(Pomona 4578)
8
JMP2–JMP6, JMP8,
Jumper, 2 Position (3M 929950-00)
JMP9, JMP13
3
R1, R5, R6
RN55C Resistor, 2.00k
2
R2, R3
50k 20-Turn Trimpot*
(Bourns 3299W-1-503)
2
R4, R8, R9
RN55C Resistor, 10.0k
1
R7
Carbon Composition Resistor,
100
Ω, 1/2 W
1
R10
RN55C Resistor, 10
Ω
1
SW1
Momentary SPST, C & K
KS l l-R2-C-Q
1
U7
74ALS74
1
U9
AD1385KD (Analog Devices)
2
U10, U11
74ALS574
1
U 12
AD845KN (Analog Devices)
1
U13
10 MHz DIP Crystal Oscillator
1
U14
74ALS04
1
U15
74ALS32
2
—
Socket Strip (SPC MPS1P-32-GG)
1
—
Pin Strip (3M 929647-01-36)
1
—
Socket, 14-Pin Oscillator
(Augat 504-AG10D)
4
—
Socket, 14-Pin (Augat 514-AG11D)
2
—
Socket, 20-Pin (Augat 520-AG11D)
2
—
Ejector Latch (3M 3505-3)
1
—
50-Pin Connector (3M 3433-5002)
2
—
Screw, 2-56
× 1/2
2
—
Hex Nut, 2-56
*Trimpot is a trademark of Bourns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com