Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 1 Page - Analog Devices

  AD1385 Datasheet HTML 1Page - Analog Devices AD1385 Datasheet HTML 2Page - Analog Devices AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16-Bit 500 kHz
Wide Temperature Range Sampling ADC
AD1385
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
16-Bit Resolution
500 kHz Sampling Rate
Differential Linearity Autocalibration
Specified over –55 C to +125 C Range
SNR 90 dB @ 100 kHz (min)
THD –88 dB @ 100 kHz (min)
0.0006% FSR DNL (typ)
0.0015% FSR INL (typ)
No Missing Codes
5,
10 V Bipolar Input Ranges
Zero Offset Autocalibration
APPLICATIONS
Medical Imaging
CAT
Magnetic Resonance
Radar
Vibration Analysis
Parametric Measurement Unit (ATE)
Digital Storage Oscilloscopes
Waveform Recorders
Analytical Instruments
PRODUCT DESCRIPTION
The AD1385 is a complete 500 kHz, 16-bit, sampling analog-
to-digital converter contained in a single package. Its differential
linearity autocalibration feature allows this high resolution, high
speed converter to offer outstanding noise and distortion perfor-
mance, as well as excellent INL and DNL specifications, over
the full military temperature range. Autocalibration effectively
eliminates DNL drift over temperature.
The AD1385 architecture includes a low noise, low distortion
track/hold, a three pass digitally corrected subranging ADC, and
linearity calibration circuitry. A complete linearity calibration
requires only 15 ms. Precision thin-film resistors and a propri-
etary DAC contribute to the part’s outstanding dynamic and
static performance.
The AD1385 uses four power supplies,
±5 V and ±15 V, and an
external 10 MHz clock. Power dissipation is nominally 2.76 W.
Two user selectable bipolar input ranges,
±5 V and ±10 V, are
provided. Careful attention to grounding and a single package
make it easy to design PCBs to achieve specified performance.
The AD1385’s pinout is nearly identical to that of the AD1382,
a factory calibrated 16-bit, 500 kHz SADC. Just two additional
connections, to enable and monitor autocalibration, are required.
This commonality provides an easy upgrade path to extend sys-
tem performance and operating temperature range.


Similar Part No. - AD1385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
Low Cost 16-Bit Sampling ADC
AD1380JD AD-AD1380JD Datasheet
240Kb / 8P
Low Cost 16-Bit Sampling ADC
AD1380KD AD-AD1380KD Datasheet
240Kb / 8P
Low Cost 16-Bit Sampling ADC
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
Low Cost 16-Bit Sampling ADC
REV. D
AD1382 AD-AD1382 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
More results

Similar Description - AD1385

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
AD1392 AD-AD1392 Datasheet
1Mb / 16P
16-Bit 500 kHz Sampling ADC
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
logo
Linear Technology
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
12/15-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com