Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1385 Datasheet HTML 10Page - Analog Devices AD1385 Datasheet HTML 11Page - Analog Devices AD1385 Datasheet HTML 12Page - Analog Devices AD1385 Datasheet HTML 13Page - Analog Devices AD1385 Datasheet HTML 14Page - Analog Devices AD1385 Datasheet HTML 15Page - Analog Devices AD1385 Datasheet HTML 16Page - Analog Devices AD1385 Datasheet HTML 17Page - Analog Devices AD1385 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD1385
REV. 0
–14–
Buffering the multiplexer’s output will eliminate the problems
caused by its ON-resistance. The choice of buffer depends on
the nature of the system’s input signals. There are two cases to
consider: static inputs and dynamic inputs.
“Static” Applications
Amplifier noise, CMRR linearity, and settling time are of pri-
mary importance when the inputs are low frequency or DC.
This is the case in a CAT-scan imager, for example, when sig-
nals are produced by integrating photocurrents. Noise limits
ultimate system resolution. The AD1385 has a typical input-
referred noise of 70
µV rms. Buffer noise must be added to this
in a root-sum-squares fashion to determine total system noise. A
buffer amplifier which adds noise of 18
µV rms, for example,
will result in a system noise level of (18
2 +702)1/2 = 72
µV rms, a
negligible increase. Detailed system noise calculations require
knowledge of the buffer’s noise spectral density and equiva-
lent noise bandwidth. The AD1385’s equivalent noise band-
width is 2.2 MHz. Low Noise Electronic Design (C.D.
Motchenbacher and F.C. Fitchen, John Wiley and Sons, New
York, 1973) provides excellent discussions of noise analysis and
calculations.
Buffer amplifier CMRR produces only gain error as long as the
value of CMRR is independent of signal level. The size of this
“gain error” is directly related to the actual value of CMRR; an
amplifier with 60 dB CMRR will create an apparent gain error
of 0.1%. The precise value of CMRR is not critical as long as it
remains independent of signal level. Any variation in CMRR
with input level will introduce nonlinearity. The smaller the
value of CMRR (in dB), the more critical variations in this value
become. An amplifier with CMRR ranging from 100 dB to
110 dB over the range of –10 V to +10 V will produce negligible
nonlinearity, while an amplifier whose CMRR varies from 60 dB
to 70 dB over the same range would be completely unacceptable.
Buffer settling time will affect the system’s throughput. The sys-
tem sample rate can be maintained at 500 kHz provided the
buffer’s settling time is less than about 1.7 microseconds. The
input channel should be switched just after the AD1385’s SHA
enters Hold mode as indicated by a rising edge at Hold Com-
mand In (Pin 22).
“Dynamic” Applications
Dynamic applications complicate the choice of buffer amplifier.
The amplifier’s harmonic distortion performance now becomes
as important as its noise, CMRR linearity, and settling behavior.
Few manufacturers specify amplifier THD in the noninverting
configuration. These specifications, when available, seldom ad-
dress signals greater than 10 V p-p or frequencies above 1 kHz.
It may be necessary to characterize candidate amplifiers from
several vendors to find the best fit to the amplitude and fre-
quency requirements of a particular application. Such evalua-
tions are easily performed using a spectrum analyzer. A notch
filter tuned to the fundamental frequency greatly improves mea-
surement resolution. It is also possible to use the AD1385 as
the measuring device by performing FFTs on the output data.
Refer to the discussion of signal sources in Testing the AD1385.
Unipolar Operation
The AD1385 does not provide a direct unipolar input capabil-
ity. Unipolar inputs can be achieved using the circuits of Fig-
ures 26 and 27. The circuit in Figure 26 is suitable when a low
input impedance is acceptable. The AD845 is an excellent am-
plifier choice for this application. Multiplexed applications
should use the circuit of Figure 27. The discussions under High
Impedance Inputs also apply to amplifier selection for high
impedance unipolar operation.
Figure 26. Unipolar-to-Bipolar Conversion (Low Input
Impedance)
Figure 27. High Input Impedance Unipolar-to-Bipolar
Conversion Circuit
Data Bus Interface
The AD1385’s data outputs are 4 mA CMOS drivers and are
not intended to be connected directly to a system data bus.
Charging and discharging a capacitive data bus creates large
supply transients and ground spikes which can interfere with
the AD1385’s operation and result in erroneous data. Registers
and/or buffers should be used to isolate the AD1385 from the
bus. Buffering devices should be located close to the AD1385 to
minimize the capacitive load presented to the converter’s data
outputs. Control will be simplified by permanently grounding
the AD1385’s OE input when using buffers. A schematic of a
typical 16-bit bus interface is shown in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com