Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 3 Page - Analog Devices

  AD1385 Datasheet HTML 1Page - Analog Devices AD1385 Datasheet HTML 2Page - Analog Devices AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1385KD
AD1385TD
Parameter
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT CODING
Complementary Offset Binary or Complementary Twos Complement
INTERNAL REFERENCE
Voltage
9.990
10.010
9.990
10.010
V
Current
2
5
2
5
mA
Drift
5
15
5
15
ppm/
°C
TEMPERATURE RANGE, CASE
Specified
0
+70
–55
+125
°C
Storage
–65
+150
–65
+150
°C
POWER REQUIREMENTS
Specified Operating Range
±V
S
14.25
15.75
14.25
15.75
V
+VDD
4.75
5.25
4.75
5.25
V
–VSS
–5.25
–4.75
–5.25
–4.75
V
Current Drains
+VS
52
80
52
80
mA
–VS
48
75
48
75
mA
+VDD
104
160
104
160
mA
–VSS
148
200
148
200
mA
Power Dissipation
2.76
4.125
2.76
4.125
Watts
NOTES
1Integral linearity is inferred from FFTs. Differential linearity is derived from histograms.
2Performance over temperature is specified at the temperature at which the last calibration was performed.
3FSR = Full-Scale Range.
4Adjustable to zero.
5SNR excludes harmonics 2-9 of the fundamental.
6THD includes harmonics 2-9 of the fundamental.
7Aperture delay is the time from the rising edge on the Hold Command Input to the opening of the switch in the Track/Hold.
Specifications subject to change without notice.
TIMING SPECIFICATIONS1, 2
Parameter
Design Minimum
Typ
Unit
Description
START COMMAND
tSCS
10
ns
Setup Time
tSCH
10
ns
Hold Time
AUTOZERO
tAZS
10
ns
Setup Time
tAZH
20
ns
Hold Time
DATA VALID
tDVS
1.5
CP
3
Setup Time
tDVH
0.5
CP
3
Hold Time
HOLD COMMAND
tH
13
CP3
Hold Time
tD
7
ns
Delay Time
DATA STROBE
tDS
2CP
3
Pulse Width
tDSD
16.5
CP
3
Delay
CALIBRATE PULSE WIDTH
20
ns
CALIBRATION STATUS
15
ms
Duration
NOTES
1Refer to Figures 17, 18 and 24.
2Design minimums are derived from worst case design analysis and/or simulation results. Typical values are based on characterization data. These specifications are
not guaranteed or tested.
3The time duration for this parameter varies in direct proportion to the width of the Clock Pulse (CP).
AD1385
REV. 0
–3–
(TA = –55 C to +125 C, VS =
15 V, VDD = +5 V, VSS = –5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com