Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 2 Page - Analog Devices

  AD1385 Datasheet HTML 1Page - Analog Devices AD1385 Datasheet HTML 2Page - Analog Devices AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD1385–SPECIFICATIONS
(TA = +25 C, VS =
15 V, VDD = +5 V, VSS = –5 V, 10 MHz External Clock,
unless otherwise noted)
AD1385KD
AD1385TD
Parameter
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
Bits
ANALOG INPUT
Input Ranges
±5, ±10
±5, ±10
V
Input Impedance
2.45
2.5
2.55
2.45
2.5
2.55
k
Ω
TRANSFER CHARACTERISTICS
(Combined ADC/Track/Hold)
Integral Nonlinearity
1, 2, T
MIN to TMAX
±0.0015
±0.0015
% FSR
3
Differential Nonlinearity
1
±0.0006
±0.0015
±0.0006
±0.0015
% FSR
Drift, TMIN to TMAX
0.3
0.3
ppm/
°C
Missing Codes, TMIN to TMAX
None
None
Gain Error
4
±0.05
±0.15
±0.05
±0.15
% FSR
Drift, TMIN to TMAX
8
15
8
15
ppm/
°C
Bipolar Zero
4
±0.05
±0.10
±0.05
±0.10
% FSR
Drift, TMIN to TMAX
5
15
5
15
ppm/
°C
PSRR
±0.006
±0.10
±0.006
±0.10
% FSR/V
Noise
70
70
µV rms
DYNAMIC CHARACTERISTICS
2
±5 V FSR, V
IN = –0.4 dB, TMIN to TMAX
Sample Rate
500
500
kHz
Signal-to-Noise Ratio
5
f = 5 kHz
90
93
90
93
dB
f = 100 kHz
90
92
90
92
dB
f = 200 kHz
88
91
88
91
dB
Peak Distortion
f = 5 kHz
–90
–107
–90
–107
dB
f = 100 kHz
–88
–95
–88
–95
dB
f = 200 kHz
–82
–88
–82
–88
dB
Total Harmonic Distortion
6
f = 5 kHz
–90
–105
–90
–105
dB
f = 100 kHz
–88
–95
–88
–95
dB
f = 200 kHz
–82
–88
–82
–88
dB
DYNAMIC CHARACTERISTICS
2
±10 V FSR, V
IN = –0.4 dB, TMIN to TMAX
Sample Rate
500
500
kHz
Signal-to-Noise Ratio
5
f = 5 kHz
90
95
90
95
dB
f = 100 kHz
90
94
90
94
dB
f = 200 kHz
88
93
88
93
dB
Peak Distortion
f = 5 kHz
–90
–108
–90
–108
dB
f = 100 kHz
–80
–87
–80
–87
dB
f = 200 kHz
–74
–82
–74
–82
dB
Total Harmonic Distortion
6
f = 5 kHz
–90
–105
–90
–105
dB
f = 100 kHz
–80
–87
–80
–87
dB
f = 200 kHz
–74
–82
–74
–82
dB
DIGITAL INPUTS
Input Voltage
VIL
0.8
0.8
V
VIH
2.25
2.25
V
Input Current
±200
±200
µA
Input Capacitance
2
2
pF
Clock
Frequency
2.5–10
2.5–10
MHz
Duty Cycle
40-60
40-60
%
Aperture Delay
7
77
ns
DIGITAL OUTPUTS
Output Voltage
VOL @ IOL = 3.2 mA
0.2
0.4
0.2
0.4
V
VOH @ IOH = –3.2 mA
2.4
4.5
2.4
4.5
V
Output Capacitance
4
4
pF
Leakage, Outputs Disabled
±200
±200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com