Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DA6512.000
11 July, 2012
I
2C is a registered trademark of NXP.
2 (26)
BLOCK DIAGRAM
Figure 1.
MAS6512 block diagram
FUNCTIONAL DESCRIPTION
MAS6512 can interface both single and dual
capacitance sensors. Single capacitance sensors
should be connected between the CS and the CC
inputs. The second capacitor of a dual capacitance
sensor should be connected between the CR and
the CC inputs.
A Capacitance-to-Digital Converter (CDC) converts
the input capacitances into a 16-bit output word
(code). The converter front-end can be configured
either
for
capacitance
difference
(CS-CR)
or
capacitance ratio (CS-CR)/CS measurement mode.
Converter resolution is selected by the over
sampling
ratio
(OSR)
setting.
Higher
OSR
corresponds to higher resolution but also longer
conversion time.
There are two internal 22pF capacitance matrices
connected to the CS and the CR inputs. These
matrices are used for sensor offset calibration and
are programmable in 8-bit steps (86fF/step).
The gain is programmable with 8-bits resolution and
sets the range for how much the measured
capacitance can change.
MAS6512 includes an internal temperature sensor
for
temperature
compensation
purposes.
A
multiplexer in the front-end is used to select either
the external capacitive sensor or the internal
temperature sensor.
Trim and calibration coefficients can be stored in
the 256-bit EEPROM memory. The stored trim
values
for
the
oscillator
frequency,
offset
capacitance and gain are automatically read from
the EEPROM memory in the beginning of each
conversion. To avoid modification of the EEPROM
by mistake there is an EEPROM write enable
register which needs to be set to %01010101
(55HEX) before any changes can be done to the
EEPROM.
MAS6512 has an internal clock oscillator making an
external clock unnecessary. To save power it’s
turned on only when a conversion is running. The
frequency is trimmed to 200kHz using a 6-bit
register. An external clock, connected to the
OSCOUT pin, can however be used when a specific
test mode is chosen. This might be necessary when
measuring large capacitance since a slower clock
frequency is needed in this case.
MAS6512 includes a 1.8V regulator that can be
disabled in capacitance measurement mode. In
temperature measurement mode the regulator is
always used. The regulator is turned off between
conversions.
Communication with MAS6512 is handled by the
serial
interface
compatible
with
either
a
bi-
directional 2-wire I
2C
® bus or a 4-wire SPI bus. The
XSPI pin is for selecting which bus type is used.
The XCLR pin can be used to reset the device
including the serial communication.
The EOC pin indicates if a conversion has finished
and the result is ready to be read from the memory
via the serial interface.
MISO
SDA/MOSI
SCL/SCLK
MUX
TEMP
∆Σ
CONTROL
I2C /
SPI
EEPROM
CLK
OSC
XCS
XSPI
EOC
XCLR
CS
CC
CR
VDD
GND
GND
VREG
TEST
VREG
TEST1
TEST2
VDD
OSCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com