Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DA6512.000
11 July, 2012
3 (26)
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
5.0
V
Voltage Range for All Pins
-0.3
VDD + 0.3
V
Latchup Current Limit
ILUT
For all pins, test according to
JESD78A.
-100
+100
mA
Junction Temperature
TJmax
+ 150
°C
Storage Temperature
TS
Note 1
- 55
+125
°C
Note 1: See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce the wafer level trimming
and calibration data retention time.
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum
operating conditions and absolute maximum ratings is not implied and EEPROM contents may be corrupted. Exposure to these conditions
for extended periods may affect device reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute
maximum ratings may be destructive to the devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
Internal regulator disabled
Internal regulator enabled
1.8
1.9
2.7
2.7
3.6
3.6
V
Supply Voltage at EEPROM
Programming
VDD
T=+25°C. Note 1.
3.0
3.3
3.6
V
Operating Temperature
TA
-40
+25
+85
°C
Note 1. The recommended condition for EEPROM programming is room temperature.
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal regulator voltage
VREG
Regulator enabled
1.8
V
Quiescent current
IQ
All inputs at VDD, no
load. Note 1.
0.1
µ
A
Conversion current
consumption
IDD_CONV
During conversion
390
µ
A
Average current
consumption
IDD_AVE
1 conversion/s
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
28
14.1
7.1
3.7
1.9
µ
A
Conversion time
tCONV
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
82.6
41.6
21.1
10.9
5.8
ms
VDD rise time for proper
power on reset (POR)
tVDD_RISE
Note 2.
400
ns
Internal system clock
oscillator frequency
OSCOUT
200
kHz
Sensor excitation
frequency
MCLK
No internal clock division
Internal clock division
50
25
kHz
Note 1. Setting XCS low activates the EEPROM memory regardless of the XSPI setting and the device consumes 20µA …30µA current. To
minimize current consumption XCS should be set low only during time periods when the device is used during SPI communication.
Note 2. Resetting the device using the XCLR pin is necessary in case the VDD rise time is longer than specified here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com