Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DA6512.000
11 July, 2012
8 (26)
REGISTER AND EEPROM DATA ADDRESSES
MAS6512 includes a 32 bytes (256 bits) EEPROM
data memory and eleven registers. Four bytes (32
bits) of EEPROM are reserved for trim values but
the remaining 28 bytes (224 bits) are free for storing
sensor calibration and other data. See table 1 on
the previous page for register and EEPROM data
addresses.
In the SPI serial bus the address bit A7 selects
between write (A7=0) and read (A7=1) operation. In
the I
2C serial bus A7 is always high (A7=1) and
selection between write and read operation is done
with the LSB bit of the I
2C device address. See table
6 in chapter 2-WIRE SERIAL DATA INTERFACE
(I
2C® BUS).
MAS6512 has four trim registers: CS capacitor
matrix register (E3/63HEX), CR capacitor matrix
register (E4/64HEX), Gain register (E5/65HEX) and
Oscillator frequency register (E6/66HEX). These are
marked with “R+T” in table 1. Each of these
registers has a corresponding EEPROM byte where
trim values can be permanently stored. These are
marked with “E+T” in table 1. Trim values are
automatically read from EEPROM in the beginning
of each conversion when this feature is enabled in
the trimming control register (EE/6EHEX). When
disabled it is possible to test different trim data in
the trim registers before final trimming values are
found and stored in the EEPROM.
Reset register (E0/60HEX) does not contain any data.
Any dummy data written to this register forces a
reset.
A
reset
initializes
all
control
registers
(addresses E1HEX…EEHEX) to a zero value.
Test register (E1/61HEX) is mainly used for testing
and trimming purposes. See table 2 in chapter
TEST REGISTER. If an external clock signal is
used the test register is needed for selecting the
external clock signal.
The Measurement control register (E2/62HEX) is
used for configuring and starting an A/D conversion.
The CS (E3/63HEX) and the CR (E4/64HEX) capacitor
matrix registers contain a capacitor value between 0
and 22pF in 86fF steps.
The Gain register (E5/65HEX) controls the gain of the
CDC front-end. Together with the CS and CR
values
it
determines
the
input
capacitance
conversion range.
The Oscillator frequency control register (E6/66HEX)
is used only during internal clock oscillator trimming.
During trimming this register value is iterated to give
the desired 200kHz oscillator frequency. When the
best value is found it can be written to the internal
clock
oscillator
frequency
trimming
EEPROM
address (C6/46HEX). In normal operation the trim
value is automatically read from the EEPROM
memory in the beginning of each conversion. The
clock frequency is trimmed by MAS during wafer
level testing and there should be no need to modify
it.
The 16-bit A/D conversion result (capacitance or
temperature) is stored into two registers EAHEX
(MSB, most significant byte) and EBHEX (LSB, least
significant byte).
The EEPROM status register (ED/6DHEX) reflects
the EEPROM error correction status. This register
can be used to verify that the EEPROM operation
has finished without errors.
The Trimming control register (E9/69HEX) defines if
the trim data in the EEPROM or in the registers are
used
during operation. The Trimming control
register is also used for enabling EEPROM write.
The
default
setting
is
that
all trim
data is
automatically read from the EEPROM memory in
the beginning of each conversion and that the
EEPROM write is disabled. See the Trimming
control register description for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com