Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DA6512.000
11 July, 2012
11 (26)
CS AND CR CAPACITOR MATRIX REGISTERS (E3/63HEX AND E4/64HEX)
There are two internal capacitor matrices that add
capacitance in parallel to the sensor capacitor (CS)
and the reference capacitor (CR). These offset
capacitances are used to adjust the sensor signal to
an optimal range. Each capacitor matrix has a
selectable capacitance from 0pF up to 22pF in
typical 86fF steps. The three sigma process
variation of the capacitor matrix capacitance is
±10%.The CS capacitor matrix register (E3/63HEX)
has a corresponding EEPROM byte (C3/43HEX) for
storing the trim value. Also the CR capacitor matrix
register (E4/64HEX) has corresponding EEPROM
byte (C4/44HEX) for storing the trim value. After
finding suitable CS and CR capacitor matrix register
values the trim values can be stored in the non-
volatile EEPROM.
In normal operating mode these trim values are
automatically read from the EEPROM during each
conversion start. See also table 9 Trimming control
Register (EE/6EHEX) for other operating modes.
Table 4.
CS capacitor matrix register (E3/63HEX), EEPROM (C3/43HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACS
CDAC control bits
0HEX…FFHEX
CS offset trimming
Table5.
CR capacitor matrix register (E4/64HEX), EEPROM (C4/44HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACR
CDAC control bits
0HEX…FFHEX
CR offset trimming
GAIN REGISTER (E5/65HEX)
The gain register sets the excitation signal level for
the capacitive sensor. The eight bits (GRDAC) can
be programmed to values between 0 and 255.
Together with the CS and the CR capacitor matrix
trim parameters it’s used to adjust the sensor signal
to an optimal range. The goal is to get a maximum
dynamic range and keep the signal within linear
input range of the ∆Σ-modulator. This condition is
met when the signal minimum and maximum
covers the whole linear input range.
The
output
of
MAS6512
has
the
following
relationship to the Σ-modulator output:
RANGE
AVE
OUT
CODE
Q
CODE
=
QAVE is the average measurement result (from the
over sampling) of the
Σ-modulator and varies from
0 to 1. The CODERANGE is the maximum output code
which depends on OSR and measurement mode
selections. See page 5 Full output code range
specification in the Electrical characteristics table.
The linear signal range of the modulator is from
QAVE=10% to QAVE =90%.
In case of capacitance difference measurement
mode;
R
S
REF
R
S
AVE
V
V
C
C
C
Q
+
=
2
2
1
In this mode the gain register value GRDAC sets
the VS level.
VS= (VDD/1.8V)*(33mV+GRDAC*2.88mV)
VR = (VDD/1.8V)*144mV
CS = External sensor + CS matrix capacitance
CR = External reference + CR capacitance
CREF = 6pF, three sigma variation ±10%
In case of capacitance ratio measurement mode;
S
R
S
R
AVE
V
V
C
C
Q


= 1
In this mode the gain register value GRDAC sets
the VS level.
VS = (VDD/1.8V)*GRDAC*0.52mV
VR= (VDD/1.8V)*100.8mV
CS = External sensor + CS matrix capacitance
CR = External reference + CR capacitance
The gain register (E5/65HEX) has a corresponding
EEPROM byte (C5/45HEX). After finding a suitable
gain register value it can be stored in the EEPROM
memory. In normal operating mode the gain trim
value is read automatically from the EEPROM
during each conversion start.
Table 6.
Gain register (E5/65HEX), EEPROM (C5/45HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
GRDAC
RDAC control bits
0HEX…FFHEX
Gain control by sensor excitation signal
level control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com