Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DA6512.000
11 July, 2012
12 (26)
OSCILLATOR FREQUENCY CONTROL REGISTER (E6/66HEX)
Note that the internal clock oscillator frequency has
been factory trimmed and the trim value has been
stored
in
the
EEPROM
(C6/46HEX).
It
is
recommended
not
to
change
the
factory
programmed value!
The oscillator frequency control register (E6/66HEX)
is for trimming the internal clock oscillator to 200
kHz
frequency.
This
200kHz
(or
100kHz
if
SOSCOUT=1) can be measured at the OSCOUT
pin. The six LSB bits adjust the oscillator period in
104ns steps. The period increases when the trim
value increases. Typically a register value of 28HEX
corresponds to the nominal 200kHz clock oscillator
frequency.
After finding a suitable trim value it can be stored to
the EEPROM (C6/46HEX).
Table 7.
Oscillator frequency control register (E6/66HEX)
Bit Number
Bit Name
Description
Value
Function
5-0
OSCF
Oscillator frequency
control bits
0HEX…3FHEX
Oscillator frequency control
EEPROM STATUS REGISTER (ED/6DHEX)
The EEPROM status register (ED/6DHEX) indicates
if the stored EEPROM byte is corrupted. The
register is updated after each EEPROM data byte
read command. See table 8 below. The ERROR bit
tells whether an data error has been detected or
not. The DED bit tells whether two or more bit errors
have been detected. The EEPROM can correct
internally only single bit errors i.e. when ERROR=1
and DED=0. The read EEPROM data byte is
corrupted if ERROR=DED=1.
Table 8.
MAS6512 EEPROM status register (ED/6DHEX). Only bits (7:6) are used.
Bit Number
Bit Name
Description
Value
Function
7
ERROR
EEPROM error
detection
0
1
No errors
Error detected
6
DED
EEPROM double
error detection
0
1
No errors
2 (or more) data errors
5-0
0
-
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com