Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DA6512.000
11 July, 2012
9 (26)
RESET REGISTER (E0/60HEX)
This register is used to reset all control registers
(addresses E1H…EEH) to a zero value. There are
no data bits in this register. However it is necessary
to write dummy data to this register to make a reset.
The reset will take place immediately after any data
has been written to the address E1/61HEX via the I
2C
or SPI interface.
TEST REGISTER (E1/61HEX)
In normal operation the Test register value is 00HEX
and the internal clock oscillator is used for all the
measurements.
The SEL_EXTCLK bit enables the use of an
external clock signal connected to the OSCOUT
pin. This may come necessary if the sensor
capacitance is too high to be used with the internal
200kHz clock signal. Sensor capacitances up to
around 20pF can be measured with the internal
200kHz oscillator, or up to 40pF if the internal clock
frequency is divided by two (see SOSCOUT below).
By setting the SOSCOUT bit it is possible to divide
the internal clock oscillator frequency by two, giving
a 100kHz frequency. This lower clock frequency can
be
used
for
measuring
up
to
about
40pF
capacitances. For measuring larger than 40pF
sensor capacitances (CS) it is necessary to use an
external clock frequency having a frequency of
around fEXT=200kHz*20pF/Cs or less. Note that the
frequency division selection SOSCOUT applies only
to the internal clock signal.
The STEST bits are used for connecting different
internal signals to the TEST1 and TEST2 pins. In
STEST[2:0]=101 test setup TEST1 and TEST2
operate as voltage inputs which are connected to
the differential input of the
Σ-ADC. VTESTP is the
positive input and VTESTN is the negative input of
the Σ-ADC.
FOSC can be used to force the internal oscillator to
be on all the time. Normally the internal oscillator is
turned on only during the measurements to save
power.
Table 2.
MAS6512 test register (E1/61HEX) description
Bit
Number
Bit Name
Description
Value
Function
7-6
-
Not used
-
-
5
SEL_EXTCLK
Selects external clock
0
1
Normal mode
An external clock can be
connected to OSCOUT and the
internal oscillator is disabled
4-2
STEST[2:0]
TEST1 and TEST2 signal
selection
Σ-ADC inputs connected to
TEST1 and TEST2 pins
000…100
101
110…111
Reserved for internal testing
purpose (TEST1 and TEST2
are outputs)
VTESTP => TEST1 (input)
VTESTN => TEST2 (input)
No function
1
SOSCOUT
Select OSCOUT frequency
0
1
OSCOUT = 200 kHz
OSCOUT = 100 kHz
0
FOSC
Forces the oscillator on
without conversion
0
1
OSC is on only during
conversion
OSC is forced on
X = Don’t care, SDM = Sigma delta modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com