Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DA6512.000
11 July, 2012
10 (26)
MEASUREMENT CONTROL REGISTER (E2/62HEX)
This register is used to configure and initiate a
measurement. See table 3 below. A new conversion
is started simply by writing 8-bit configuration data
to the measurement control register (E2/62HEX).
Table 3.
Measurement control register (E2/62HEX) description
Bit Number
Bit Name
Description
Value
Function
7-5
OSRS
Over Sampling Ratio
(OSR) Selection
000
001
010
011
100
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
4
REGEN
Regulator Enable
0
1
Voltage regulator disabled
Voltage regulator enabled
3
SCO
Start Conversion
0
1
No conversion
Start conversion
2
XETS
Sensor Selection
0
1
External capacitive sensor
Internal temperature sensor
1
-
Not used
-
-
0
XRC
Front end function
selector
0
1
Ratio converter
Difference converter
The OSRS over sampling ratio selection bits
choose between five different OSR values. High
OSR value corresponds to high resolution but also
longer
conversion
time.
See
Electrical
characteristics for further details.
The REGEN bit enables/disables the internal
voltage regulator. When enabled the regulator is
turned on during conversions and automatically
turned off after each conversion to save power.
During temperature measurements the regulator is
always enabled regardless of the REGEN bit
setting. Note that if Test register FOSC=1 and if
REGEN=1 the regulator is forced on all the time
independently of measurements.
The SCO Start conversion bit needs to be set 1 for
every new measurement. It is automatically reset to
0 after each measurement.
The XETS Sensor selection bit controls the front-
end multiplexer and connects either the external
capacitive
sensor
(XETS=0)
or
the
internal
temperature sensor (XETS=1) to the ∆Σ-converter.
The
XRC
bit
selects
between
two
external
capacitive sensor measurement modes. It does not
have any effect on temperature measurement. In
Ratio converter mode the measured value will be
proportional to capacitance ratio (CS-CR)/CS. In
Difference converter mode the measurement will be
proportional to capacitance difference (CS-CR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com