Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DA6512.000
11 July, 2012
5 (26)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
EEPROM size
256
bit
EEPROM data retention
TA = +85 °C
TA = +125 °C
10
24
1
years
Output data word length
16
bit
Linear output code
range
(10%...90% of full
output code range)
CODEDIFF
Difference mode
Cs_min=8pF,
Cs_max=12pF, Cr=10pF,
gain setting 6Dhex
OSR=256
OSR=512
OSR=1024
OSR=2048
OSR=4096
89
71
5721
5727
5731
799
6422
51494
51552
51580
CODERATIO
Ratio mode
Cs_min=8pF,
Cs_max=12pF,
Cr=7.68pF,
gain setting 4Dhex
OSR=256
OSR=512
OSR=1024
OSR=2048
OSR=4096
102
769
5944
5839
5786
790
6389
51362
51486
51547
Full output code range
CODEDIFF
OSR=256
OSR=512
OSR=1024
OSR=2048
OSR=4096
0
0
0
0
0
892
7152
57280
57312
57328
CODERATIO
OSR=256
OSR=512
OSR=1024
OSR=2048
OSR=4096
0
0
0
0
0
888
7136
57216
57280
57312
Digital inputs
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
VDD = 1.8…3.6V
80%
VDD
100%
VDD
V
Input Low Voltage
VIL
VDD = 1.8…3.6V
0%
VDD
20%
VDD
V
Serial Bus Clock
Frequency
fSCL_SCLK
400
kHz
Digital outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output high voltage
VOH
ISource=0.6mA
80%
VDD
100%
VDD
V
Output low voltage
VOL
ISink=0.6mA
0%
VDD
20%
VDD
V
Signal rise time
tr
200
ns
Signal fall time
tf
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com