Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 11Page - Cirrus Logic CS1630 Datasheet HTML 12Page - Cirrus Logic CS1630 Datasheet HTML 13Page - Cirrus Logic CS1630 Datasheet HTML 14Page - Cirrus Logic CS1630 Datasheet HTML 15Page - Cirrus Logic CS1630 Datasheet HTML 16Page - Cirrus Logic CS1630 Datasheet HTML 17Page - Cirrus Logic CS1630 Datasheet HTML 18Page - Cirrus Logic CS1630 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
CS1630/31
DS954F2
15
5.6.1 Maximum Peak Current
The maximum boost inductor peak current is configured by
adjusting the peak switching current with IPK(code). The
PEAK_CUR register (see "Peak Current (PEAK_CUR) –
Address 51" on page 39) is used to store IPK(code). Maximum
power output is proportional to IPK(code), as shown in
Equation 3:
where,
= correction term = 0.55
VRMS(typ) = nominal operating input RMS voltage
IPK =IPK(code)4.1mA
5.6.2 Output BSTOUT Sense & Input IAC
Sense
A current proportional to boost output voltage VBST is supplied
to the IC on pin BSTOUT and is used as a feedback control
signal. The ADC is used to measure the magnitude of the
IBSTOUT current through resistor RBST. The magnitude of the
IBSTOUT current is then compared to an internal reference
current (Iref) of 133A.
Figure 12. BSTOUT Input Pin Model
Resistor RBST sets the feedback current at the nominal boost
output voltage. For 230VAC line voltage applications, RBST is
calculated as shown in Equation 4:
where,
VBST = Nominal boost output voltage
Iref = Internal reference current
For 120VAC line voltage applications (CS1630), nominal
boost output voltage VBST is 200V, and resistor RBST is
1.5M
. By using digital loop compensation, the voltage
feedback signal does not require an external compensation
network.
A current proportional to the AC input voltage is supplied to the
IC on pin IAC and is used by the boost control algorithm.
Figure 13. IAC Input Pin Model
Resistor RIAC sets the IAC current and is derived from
Equation 5:
For optimal performance, resistors RIAC and RBST should use
1% tolerance or better resistors for best VBST voltage
accuracy.
5.6.3 Boost Auxiliary Winding
The boost auxiliary winding is used for zero-current detection
(ZCD). The voltage on the auxiliary winding is sensed through
the BSTAUX pin of the IC. It is also used to deliver startup
current during startup time (see "Startup Circuit" on page 12).
5.6.4 Boost Overvoltage Protection
The CS1630/31 supports boost overvoltage protection (BOP)
to protect the bulk capacitor C8 (see Figure 14). If the boost
output voltage exceeds the overvoltage protection thresholds
programmed in the OTP registers a BOP fault signal is
generated. The voltage level, VBOP(th), can be set within 227V
to 257V for a CS1630 and 432V to 462V for a CS1631 (see
"Configuration 53 (Config53) – Address 85" on page 45). The
control logic continuously averages the BOP fault signal using
a leaky integrator. When the output of the leaky integrator
exceeds a certain threshold, which can be set using bits
BOP_INTEG[3:0] in register Config53 (see "Configuration 53
(Config53) – Address 85" on page 45), a boost overvoltage
fault is declared and the system stops boosting. More
information on the leaky integrator size and sample rate is
provided in section 6.23 "Configuration 18 (Config18) –
Address 50" on page 38.
During a boost overvoltage protection event, the second stage
is kept enabled only if the MAX_CUR bit in register Config45
(see "Configuration 45 (Config45) – Address 77" on page 40)
is set to ‘1’ (enabled), and its dim input is railed to full scale.
This allows the second stage to quickly dissipate the stored
energy on the bulk capacitor C8, bringing down the boost
output voltage to a safe value. A visible flash on the LED might
appear, indicating that an overvoltage event has occurred.
When the boost output voltage drops to 195V (for a 120V
application), or 392V (for a 230V application), the boost stage
is enabled if bit BOP_RSTART in register Config54 (see
PIN max

I
PK VRMS typ


2
------------------------------------------------
=
[Eq.3]
VBST
CS1630 /31
15k
ADC
RBST
IBSTOUT
Iref
16
BSTOUT
R8
R9
RBST
VBST
Iref
--------------
400V
133
A
------------------
3M
==
[Eq.4]
R3
RIAC
IAC
IAC
Vrect
CS1630 /31
15k
ADC
R4
2
Iref
12
RIAC
RBST
=
[Eq.5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com