Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 31Page - Cirrus Logic CS1630 Datasheet HTML 32Page - Cirrus Logic CS1630 Datasheet HTML 33Page - Cirrus Logic CS1630 Datasheet HTML 34Page - Cirrus Logic CS1630 Datasheet HTML 35Page - Cirrus Logic CS1630 Datasheet HTML 36Page - Cirrus Logic CS1630 Datasheet HTML 37Page - Cirrus Logic CS1630 Datasheet HTML 38Page - Cirrus Logic CS1630 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
CS1630/31
DS954F2
35
6.14 Channel 1 Output Current (CH1CUR) Address 41
CH1CUR sets the target output current for channel 1. The register value plus bit CH1CURMSB forms an un-
signed integer in the range of 0
value511.
6.15 Configuration 10 (Config10) Address 42
6.16 Channel 2 Output Current (CH2CUR) Address 43
CH2CUR sets the target output current for channel 2. The register value plus bit CH2CURMSB forms an un-
signed integer in the range of 0
value511.
7
654
32
10
27
26
25
24
23
22
21
20
7
654
32
10
BUCK3
BUCK2
BUCK1
BUCK0
RE1_ZCD2
RE1_ZCD1
RE1_ZCD0
CH2CURMSB
Number
Name
Description
[7:4]
BUCK[3:0]
Configures buck topology. The value is an unsigned integer in the range of
0
value15.
0 = Normal buck configuration
1 = Tapped buck ratio of one which is equivalent to a normal buck
configuration
2-15 = Tapped buck configuration where the ratio is equal to N.
[3:1]
RE1_ZCD[2:0]
Configures fixed time delay TRE1ZCD(delay) for zero-current detection (ZCD)
comparator to account for the delay on the rising edge of ZCD for channel 1.
The value is an unsigned integer in the range of 0
value7. The delay is
defined by:
[0]
CH2CURMSB
Most significant bit for the CH2CUR register (see "Channel 2 Output Current
(CH2CUR) – Address 43" on page 35).
7
654
32
10
27
26
25
24
23
22
21
20
TRE1ZCD delay

RE1_ZCD
=
[2:0] 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com