Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 24Page - Cirrus Logic CS1630 Datasheet HTML 25Page - Cirrus Logic CS1630 Datasheet HTML 26Page - Cirrus Logic CS1630 Datasheet HTML 27Page - Cirrus Logic CS1630 Datasheet HTML 28Page - Cirrus Logic CS1630 Datasheet HTML 29Page - Cirrus Logic CS1630 Datasheet HTML 30Page - Cirrus Logic CS1630 Datasheet HTML 31Page - Cirrus Logic CS1630 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
CS1630/31
28
DS954F2
49
0x31
Config17
Configuration 17
50
0x32
Config18
Configuration 18
51
0x33
PEAK_CUR
Peak Current
....
.............
-
Reserved
70
0x46
Config38
Configuration 38
....
.............
-
Reserved
76
0x4C
Config44
Configuration 44
77
0x4D
Config45
Configuration 45
78
0x4E
Config46
Configuration 46
79
0x4F
Config47
Configuration 47
80
0x50
Config48
Configuration 48
81
0x51
Config49
Configuration 49
82
0x52
Config50
Configuration 50
83
0x53
Config51
Configuration 51
84
0x54
Config52
Configuration 52
85
0x55
Config53
Configuration 53
86
0x56
Config54
Configuration 54
87
0x57
Config55
Configuration 55
88
0x58
-
89
0x59
PLC_DIM
PLC Dim
90
0x5A
Config58
Configuration 58
91
0x51
Config59
Configuration 59
92
0x52
Config60
Configuration 60
93
0x53
Config61
Configuration 61
94
0x54
Config62
Configuration 62
....
.............
-
Reserved
102
0x66
CRC_TAG
CRC Tag
....
..............
-
Reserved
119
0x77
CH1_CAL3A
Channel 1 Color Calibration 3A
120
0x78
CH2_CAL3A
Channel 2 Color Calibration 3A
121
0x79
CRC_MTAG3A
CRC Tag 3A
122
0x7A
CH1_CAL3B
Channel 1 Color Calibration 3B
123
0x7B
CH2_CAL3B
Channel 2 Color Calibration 3B
124
0x7C
CRC_MTAG3B
CRC Tag 3B
125
0x7D
CH1_CAL3C
Channel 1 Color Calibration 3C
126
0x7E
CH2_CAL3C
Channel 2 Color Calibration 3C
127
0x7F
CRC_MTAG3C
CRC Tag 3C
Note:
(1) Warning: Do not write to unpublished or reserved register locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com