Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 13Page - Cirrus Logic CS1630 Datasheet HTML 14Page - Cirrus Logic CS1630 Datasheet HTML 15Page - Cirrus Logic CS1630 Datasheet HTML 16Page - Cirrus Logic CS1630 Datasheet HTML 17Page - Cirrus Logic CS1630 Datasheet HTML 18Page - Cirrus Logic CS1630 Datasheet HTML 19Page - Cirrus Logic CS1630 Datasheet HTML 20Page - Cirrus Logic CS1630 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
CS1630/31
DS954F2
17
The buck stage is controlled by measuring current in the buck
inductor and voltage on the auxiliary winding. Quasi-resonant
operation
is
achieved
by
detecting
buck
inductor
demagnetization using an auxiliary winding. The digital control
algorithm rejects line-frequency ripple created on the second
stage input by the front-end boost stage, resulting in the
highest possible LED efficiency and long LED life.
The tapped buck stage operates similar to a buck stage. The
tapped buck topology provides minimum turn-on time and
improves conversion efficiency when large input-to-output
voltage ratio is present. The tapped buck inductor behaves as
a transformer for voltage conversion and is controlled by
measuring current in the tapped inductor and voltage on the
auxiliary winding. Quasi-resonant operation is achieved by
detecting tapped inductor demagnetization using an auxiliary
winding.
Figure 17. Tapped Buck Parallel Output Model
5.8.1 Series & Parallel Two-Channel Output
The CS1630/31 is designed to be programmed to support
series or parallel two-channel output configurations using one
set of power magnetics. Series or parallel configuration is set
by bit STRING and bit LED_ARG in the Config3 register (see
"Configuration 3 (Config3) – Address 35" on page 32). A
parallel connection for a flyback stage and buck stage are
connected differently: an NMOS switch is used in flyback
configuration, and a PMOS switch is used in buck/tapped
buck configuration (see Figures 15, 16, and 17).
Figure 18. Flyback Series Output Model
Similarly, a series connection in a flyback stage and buck
stage use an NMOS switch and a PMOS switch, respectively,
as shown in Figures 18 and 19.
Figure 19. Buck Series Output Model
R13
R11
R14
Q4
L3
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
D8
VBST
R12
D9
C9
C11
C12
D11
R15 D10
Q5
R16
C10
Z3
IGND
LED2+
LED1+
LED1-
LED 2-
D
GND
_
Q
VCC
D7
R13
Z2
R11
R14
Q4
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
T1
VBST
R12
D9
C9
D8
R15 D10
R16
C10
Z3
D
GND
_
Q
VCC
Q5
IGND
C12
LED 2+
LED2-
C11
LED 1+
LED 1-
D11
R13
R11
R14
Q4
L3
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
VBST
R12
D9
C9
R15
D10
R16
C10
Z3
D
GND
_
Q
VCC
Q5
IGND
D11
D8
C12
LED1+
LED1-
C11
LED2+
LED 2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com