Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 2Page - Cirrus Logic CS1630 Datasheet HTML 3Page - Cirrus Logic CS1630 Datasheet HTML 4Page - Cirrus Logic CS1630 Datasheet HTML 5Page - Cirrus Logic CS1630 Datasheet HTML 6Page - Cirrus Logic CS1630 Datasheet HTML 7Page - Cirrus Logic CS1630 Datasheet HTML 8Page - Cirrus Logic CS1630 Datasheet HTML 9Page - Cirrus Logic CS1630 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
CS1630/31
6
DS954F2
3. CHARACTERISTICS AND SPECIFICATIONS
3.1 Electrical Characteristics
Typical characteristics conditions:
•TA =25ºC, VDD = 12V, GND = 0V
• All voltages are measured with respect to GND.
• Unless otherwise specified, all currents are positive
when flowing into the IC.
Minimum/Maximum characteristics conditions:
•TJ = -40°C to +125°C, VDD = 11V to 17V, GND = 0V
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
Operating Range
After Turn-on
VDD
11
-
17
V
Turn-on Threshold Voltage
VDD Increasing
VST(th)
-8.5
-
V
Turn-off Threshold Voltage (UVLO)
VDD Decreasing
VSTP(th)
-7.5
-
V
Zener Voltage
(Note 1)
IDD =20mA
VZ
18.5
-
19.8
V
VDD Supply Current
Startup Supply Current
VDD<VST(th)
IST
--
200
A
Operating Supply Current
(Note 5) CL = 0.25nF, Fsw 60 kHz
-5.8
-
mA
Reference
Reference Current
CS1630
CS1631
VBST = 200 V
VBST = 400 V
Iref
-
-
133
133
-
-
A
A
Boost
Maximum Switching Frequency
fBST(Max)
--
200
kHz
Clamp Current
ICLAMP
--3.8
-
mA
Dimmer Attach Peak Current
CS1630
CS1631
108
 Vline 132
207
 Vline 253
-
-
590
508
-
-
mA
mA
Boost Zero-current Detect
BSTZCD Threshold
VBSTZCD(th)
-200
-
mV
ZCD Sink Current
(Note 2)
IBSTZCD
-2
-
-
mA
BSTAUX Upper Voltage
IBSTZCD =1mA
-
VDD+0.6
-
V
Boost Protection
Clamp Turn-on
CS1630
CS1631
108
 Vline 132
207
 Vline 253
-
-
146.7
141.7
-
-
A
A
Second Stage Zero-current Detect
FBZCD Threshold
VFBZCD(th)
-200
-
mV
ZCD Sink Current
(Note 2)
IFBZCD
-2
-
-
mA
FBAUX Upper Voltage
IFBZCD =1mA
-
VDD+0.6
-
V
Second Stage Current Sense
Peak Control Threshold
VPk_Max(th)
-1.4
-
V
Delay to Output
--
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com