Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 29Page - Cirrus Logic CS1630 Datasheet HTML 30Page - Cirrus Logic CS1630 Datasheet HTML 31Page - Cirrus Logic CS1630 Datasheet HTML 32Page - Cirrus Logic CS1630 Datasheet HTML 33Page - Cirrus Logic CS1630 Datasheet HTML 34Page - Cirrus Logic CS1630 Datasheet HTML 35Page - Cirrus Logic CS1630 Datasheet HTML 36Page - Cirrus Logic CS1630 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
CS1630/31
DS954F2
33
6.9 Configuration 4 (Config4) Address 36
6.10 Second Stage Dim (S2DIM) Address 37
S2DIM sets the minimum dim for second stage (flyback, buck, or tapped buck). The register value is an un-
signed integer in the range of 0
value255. Enforced minimum dim percentage dimmin is determined by the
following equation:
6.11 Maximum TT (TTMAX) Address 38
TTMAX sets the maximum allowable target period for the second stage TT. The register value is an unsigned
integer in the range of 0
value255. The maximum TT period is determined by:
The maximum period for TT can be configured from 6.35
s to 1.63835ms.
7
654
32
10
T2CH1GAIN5 T2CH1GAIN4 T2CH1GAIN3 T2CH1GAIN2 T2CH1GAIN1 T2CH1GAIN0
SYNC
POL_ZCD
Number
Name
Description
[7:2]
T2CH1GAIN[5:0]
Sets T2 compensation gain T2CH1CompGain for channel 1, which is required
when T2 measurement compensation is enabled for flyback designs. The
value is an unsigned integer in the range of 0
T2CH1GAIN[5:0]<63. Com-
pensated T2 time T2Compensated used in the second stage charge regulation
loop is given by:
where,
T2CH1CompGain is a decimal number in the range of 0.0T2CH1CompGain<4.0:
[1]
SYNC
Enables the digital synchronization signal that indicates which channel the
controller is signaling for each gate switching period on the IC’s SYNC pin.
The SYNC bit should be enabled for non-isolated second stage designs
where the synchronizer circuit is directly driven from the IC's SYNC pin.
0 = Disables SYNC onto pin
1 = Enables SYNC onto pin
[0]
POL_ZCD
Sets polarity of zero-current detection comparator output. Recommended to
set bit POL_ZCD to active-low polarity.
0 = Active-low polarity
1 = Positive polarity
7
654
32
10
27
26
25
24
23
22
21
20
7
654
32
10
27
26
25
24
23
22
21
20
T2Compensated T2
=
Measured
TZCD Ri gEdge
sin
 T2CH1CompGain

T2CH1CompGain
T2CH1GAIN[5:0] 0.0625
=
dimmin
S2DIM[7:0] 16 15
+
4095
--------------------------------------------------------

 100
=
TTMAX[7:0] 128 127
+
 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com