Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 12Page - Cirrus Logic CS1630 Datasheet HTML 13Page - Cirrus Logic CS1630 Datasheet HTML 14Page - Cirrus Logic CS1630 Datasheet HTML 15Page - Cirrus Logic CS1630 Datasheet HTML 16Page - Cirrus Logic CS1630 Datasheet HTML 17Page - Cirrus Logic CS1630 Datasheet HTML 18Page - Cirrus Logic CS1630 Datasheet HTML 19Page - Cirrus Logic CS1630 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
CS1630/31
16
DS954F2
"Configuration 54 (Config54) – Address 86" on page 46) is set
to ‘1’, and the system returns to normal operation. If bit
BOP_RSTART is set to ‘0’, a boost overvoltage fault is latched
and the system stays in the fault mode until the input power is
recycled.
5.7 Voltage Clamp Circuit
To keep dimmers conducting and prevent them from misfiring,
a minimum power needs to be delivered from the dimmer to
the load. This power is nominally around 2W for 230V and
120V TRIAC dimmers. At low dim angles (
90°), this excess
power cannot be converted into light by the second stage due
to the dim mapping at light loads. The output voltage of the
boost stage (VBST) can rise above the safe operating voltage
of the primary-side bulk capacitor C8.
The CS1630/31 provides active clamp circuitry on the CLAMP
pin, as shown in Figure 14.
Figure 14. CLAMP Pin Model
A PWM control loop ensures that the voltage on VBST does not
exceed 227V for 120VAC applications or 424V for 230VAC
applications. This control turns on the BJT of the voltage
clamp circuit, allowing the clamp circuit to sink current through
the load resistor, preventing VBST from exceeding the
maximum safe voltage.
5.7.1 Clamp Overpower Protection
The CS1630/31 clamp overpower protection (COP) control
logic continuously monitors the ‘ON’ time of the clamp circuit.
If the cumulative 'ON' time exceeds 84.48ms during the
internally generated 1 second window time, a COP event is
actuated, disabling the boost and second stages. The clamp
circuitry is turned off during the fault event.
5.8 Quasi-resonant Second Stage
The second stage is a quasi-resonant current-regulated DC-
DC converter capable of flyback, buck, or tapped buck
operation. The second stage output configuration is set by bit
S2CONFIG in register Config12 (see "Configuration 12
(Config12) – Address 44" on page 36) and bits BUCK[3:0] in
register Config10 (see "Configuration 10 (Config10) – Address
42" on page 35). To deliver the highest possible efficiency, the
second stage can operate in quasi-resonant mode and
provides constant output current with minimum line-frequency
ripple. Primary-side control is used to simplify system design
and reduce system cost and complexity.
The digital algorithm ensures monotonic dimming from 0% to
100% of the dimming range with a linear relationship between
the dimming signal and the LED current. Figure 15 illustrates
a quasi-resonant flyback stage configured for two-channel
parallel output.
Figure 15. Flyback Parallel Output Model
The flyback stage is controlled by measuring current in the
transformer primary and voltage on the auxiliary winding.
Quasi-resonant
operation
is
achieved
by
detecting
transformer flyback using an auxiliary winding.
A quasi-resonant buck stage configured for two-channel
parallel output is illustrated in Figure 16.
Figure 16. Buck Parallel Output Model
CLAMP
Q3
R10
ICLAMP
VBST
S1
CS1630 /31
VBE
VDD
3
C8
D7
R13
Z2
R11
R14
Q4
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
T1
V
BS T
R12
D9
C9
C11
C12
D11
D8
R15 D10
Q5
R16
C10
Z3
IGND
LED2+
LED 1+
LED 1-
LED2-
D
GND
_
Q
VCC
R13
R11
R14
Q4
L3
D8
CS1630 /31
FBAUX
GND
13
GD
FBSENSE
15
12
11
VBST
R12
D9
C9
C11
C12
D11
R15 D10
Q5
R16
C10
Z3
IGND
LED 2+
LED1+
LED 1-
LED 2-
D
GND
_
Q
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com