Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS1630
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS1630 Datasheet HTML 16Page - Cirrus Logic CS1630 Datasheet HTML 17Page - Cirrus Logic CS1630 Datasheet HTML 18Page - Cirrus Logic CS1630 Datasheet HTML 19Page - Cirrus Logic CS1630 Datasheet HTML 20Page - Cirrus Logic CS1630 Datasheet HTML 21Page - Cirrus Logic CS1630 Datasheet HTML 22Page - Cirrus Logic CS1630 Datasheet HTML 23Page - Cirrus Logic CS1630 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
CS1630/31
20
DS954F2
illustrates the functional block diagram when connecting an
optional external NTC temperature sensor to the eOTP circuit.
Figure 21. eOTP Functional Diagram
Current ICONNECT is generated from an 8-bit controlled current
source with a full-scale current of 80
A. See Equation 8:
When the loop is in equilibrium, the voltage on the eOTP pin
fluctuates around VCONNECT(th). The digital ‘CODE’ output by
the ADC is used to generate ICONNECT. In normal operating
mode, the ICONNECT current is updated once every seventh
half line-cycle by a single ± LSB step. See Equation 9.
Solving Equation 9 for CODE:
The tracking range of this ADC is approximately 15.5k
 to
4M
. The series resistor RS is used to adjust the resistance
of the NTC to fall within this ADC tracking range so that the
entire 8-bit dynamic range of the ADC is well used. A 14k
(±1% tolerance) series resistor is required to allow
measurements of up to 130°C to be within the eOTP tracking
range when a 100k
 NTC with a Beta of 4334 is used. The
eOTP tracking circuit is designed to function accurately with
an external capacitance of a maximum of 470 pF. A higher 8-
bit code output reflects a lower resistance and hence a higher
external temperature.
The ADC output code is filtered to suppress noise. This filter
is the faster low-pass filter with a programmable time constant
configured using bits EOTP_FLP[2:0] in register Config55
(see "Configuration 55 (Config55) – Address 87" on page 47)
and compared against a programmable code value that
corresponds to the desired shutoff temperature set point.
Shutoff temperature TempShutdown is set using bits
SHUTDWN[3:0] in register Config58 (see "Configuration 58
(Config58) – Address 90" on page 48). If the temperature
exceeds this threshold, the chip enters an external
overtemperature state and shuts down. The external
overtemperature state is not a latched protection state, and
the ADC keeps tracking the temperature in this state in order
to clear the fault state once the temperature drops below a
temperature code corresponding to TempWakeup programmed
using
bits
WAKEUP[3:0]
in
register
Config46
(see
"Configuration 46 (Config46) – Address 78" on page 40). If an
external overtemperature protection thermistor is not used,
connect the eOTP pin to GND using a 50k
 to 500k resistor
to disable the eOTP feature so that the programmed
TempWakeup and TempShutdown codes are greater than the
measured 8-bit code corresponding to the total resistance on
the pin.
When exiting reset, the chip enters startup and the ADC
quickly (<5ms) tracks the external temperature to check if it is
below the TempWakeup reference code (CODEWakeup) before
the boost and second stages are powered up. If this check
fails, the chip will wait until this condition becomes true before
initializing the rest of the system.
For external overtemperature protection, a second low-pass
filter with a programmable time constant of 2 minutes is
configured using bits EOTP_SLP[2:0] in register Config55
(see "Configuration 55 (Config55) – Address 87" on page 47).
The filter is applied to the ADC output and uses it to scale
down the internal dim level of the system (and hence ILED) if
the temperature exceeds a programmable 8-bit threshold that
corresponds to TempeOTP (see Figure 22). The large time
constant for this filter ensures that the dim scaling does not
happen spontaneously and is not noticeable (suppress
spurious glitches). Temperature threshold must be set such
that
TempeOTP<TempWakeup<TempShutdown.
Register
Config59 sets TempeOTP (see "Configuration 59 (Config59) –
Address 91" on page 48). Register Config46 sets TempWakeup
(see "Configuration 46 (Config46) – Address 78" on page 40).
Register Config58 sets TempShutdown (see "Configuration 58
(Config58) – Address 90" on page 48).
For example, the system can be set up such that ILED starts
reducing when RNTC ~6.3k (assuming a 14k 1%
tolerance, series resistor RS), which corresponds to a
temperature of 95°C (TempeOTP code is 196) for a 100k
NTC with a Beta of 4334 (100 kW at 25°C). The ILED current
is scaled based on the programmed slope using bits
RATE[1:0] in register Config44 (see "Configuration 44
(Config44) – Address 76" on page 39) until it reaches
TempShutdown. The CS1630/31 uses this calculated value to
CS1630/31
+
-
ICONNECT
VCONNECT(th)
Comp_Out
eOTP
Control
eOTP
RS
CNTC
NTC
V
DD
10
ICONNECT
VCONNECT th

R
-------------------------------------
=
[Eq.8]
CODE
ICONNECT
2
N
---------------------------
VCONNECT th

RNTC RS
+
-------------------------------------
=
[Eq.9]
CODE
2
N V
CONNECT th

ICONNECT RNTC RS
+

-----------------------------------------------------------------
=
[Eq.10]
4M
RNTC RS
+

---------------------------------
=
256 1.25 V
80
A
 R
NTC
RS
+

----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com