Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices AD7713 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. C
–6–
AD7713
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 105
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . +260
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 70
°C/W
Lead Temperature, Soldering . . . . . . . . . . . . . . . . . . . +300
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . . . 450 mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C, unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AIN1, AIN2 Input Voltage
to AGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
AIN3 Input Voltage to AGND . . . . . . . . . . . . –0.3 V to +22 V
Reference Input Voltage to AGND . .
– 0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . .
– 0.3 V to AVDD + 0.3 V
Digital Output Voltage to DGND . . .
– 0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V, which readily
accumulate on the human body and on test equipment, can discharge without detection. Although
devices feature proprietary ESD protection circuitry, permanent damage may still occur on these
devices if they are subjected to high energy electrostatic discharges. Therefore, proper precautions are
recommended to avoid any performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD7713AN
–40
°C to +85°C
N-24
AD7713AR
–40
°C to +85°C
R-24
AD7713AQ
–40
°C to +85°C
Q-24
AD7713SQ
–55
°C to +125°C
Q-24
EVAL-AD7713EB
Evaluation Board
*N = Plastic DIP; Q = Cerdip; R = SOIC.
PIN CONFIGURATION
DIP AND SOIC
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
AD7713
SCLK
DRDY
SDATA
DVDD
DGND
MCLK IN
MCLK OUT
A0
AGND
TFS
RFS
SYNC
MODE
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
REF IN(+)
RTD2
AIN3
STANDBY
AVDD
REF IN(–)
RTD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com