Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 3 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Parameter
A, S Versions1
Units
Conditions/Comments
REFERENCE INPUT
REF IN(+) – REF IN(–) Voltage
+2.5 to AVDD/1.8
V min to V max
For Specified Performance. Part Is Functional with Lower
VREF Voltages
Input Sampling Rate, fS
fCLK IN/512
Normal-Mode 50 Hz Rejection
6
100
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Normal-Mode 60 Hz Rejection6
100
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Common-Mode Rejection (CMR)
100
dB min
At DC
Common-Mode 50 Hz Rejection6
150
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Common-Mode 60 Hz Rejection
6
150
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Common-Mode Voltage Range10
AGND to AVDD
V min to V max
DC Input Leakage Current @ +25
°C
10
pA max
TMIN to TMAX
1
nA max
LOGIC INPUTS
Input Current
±10
µA max
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
2.0
V min
MCLK IN Only
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
LOGIC OUTPUTS
VOL, Output Low Voltage
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
4.0
V min
ISOURCE = 100 µA
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
12
9
pF typ
TRANSDUCER BURN-OUT
Current
1
µA nom
Initial Tolerance @ +25
°C
±10
% typ
Drift
0.1
%/
°C typ
RTD EXCITATION CURRENTS
(RTD1, RTD2)
Output Current
200
µA nom
Initial Tolerance @ +25
°C
±20
% max
Drift
20
ppm/
°C typ
Initial Matching @ +25
°C
±1
% max
Matching Between RTD1 and RTD2 Currents
Drift Matching
3
ppm/
°C typ
Matching Between RTD1 and RTD2 Current Drift
Line Regulation (AVDD)
200
nA/V max
AVDD = +5 V
Load Regulation
200
nA/V max
SYSTEM CALIBRATION
AIN1, AIN2
Positive Full-Scale Calibration Limit
13
+(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Negative Full-Scale Calibration Limit
13
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Offset Calibration Limit14, 15
–(1.05
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Input Span
14
+0.8
× V
REF/GAIN
V min
GAIN Is the Selected PGA Gain (Between 1 and 128)
+(2.1
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
AIN3
Positive Full-Scale Calibration Limit
13
+(4.2
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Offset Calibration Limit
15
0 to VREF/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
Input Span
+3.2
× V
REF/GAIN
V min
GAIN Is the Selected PGA Gain (Between 1 and 128)
+(4.2
× V
REF)/GAIN
V max
GAIN Is the Selected PGA Gain (Between 1 and 128)
NOTES
12Guaranteed by design, not production tested.
13After calibration, if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale, then the device will
output all 0s.
14These calibration and span limits apply provided the absolute voltage on the AIN1 and AIN2 analog inputs does not exceed AV
DD + 30 mV or go more negative
than AGND – 30 mV.
15The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
AD7713
–3–
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com