Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7713 Datasheet HTML 10Page - Analog Devices AD7713 Datasheet HTML 11Page - Analog Devices AD7713 Datasheet HTML 12Page - Analog Devices AD7713 Datasheet HTML 13Page - Analog Devices AD7713 Datasheet HTML 14Page - Analog Devices AD7713 Datasheet HTML 15Page - Analog Devices AD7713 Datasheet HTML 16Page - Analog Devices AD7713 Datasheet HTML 17Page - Analog Devices AD7713 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. C
–14–
AD7713
DIGITAL FILTERING
The AD7713’s digital filter behaves like a similar analog filter,
with a few minor differences.
First, since digital filtering occurs after the A-to-D conversion
process, it can remove noise injected during the conversion pro-
cess. Analog filtering cannot do this.
On the other hand, analog filtering can remove noise superim-
posed on the analog signal before it reaches the ADC. Digital
filtering cannot do this, and noise peaks riding on signals near
full scale have the potential to saturate the analog modulator
and digital filter, even though the average value of the signal is
within limits. To alleviate this problem, the AD7713 has over-
range headroom built into the sigma-delta modulator and digi-
tal filter which allows overrange excursions of 5% above the
analog input range. If noise signals are larger than this, consid-
eration should be given to analog input filtering, or to reducing
the input channel voltage so that its full scale is half that of the
analog input channel full scale. This will provide an overrange
capability greater than 100% at the expense of reducing the dy-
namic range by 1 bit (50%).
Filter Characteristics
The cutoff frequency of the digital filter is determined by the
value loaded to bits FS0 to FS11 in the control register. At the
maximum clock frequency of 2 MHz, the minimum cutoff fre-
quency of the filter is 0.52 Hz while the maximum program-
mable cutoff frequency is 53.9 Hz.
Figure 6 shows the filter frequency response for a cutoff fre-
quency of 0.52 Hz which corresponds to a first filter notch fre-
quency of 2 Hz. This is a (sinx/x)
3 response (also called sinc3)
FREQUENCY – Hz
0
–20
–240
012
2
4
–160
–180
–200
–220
–80
–140
–40
–60
–120
–100
68
10
Figure 6. Frequency Response of AD7713 Filter
that provides >100 dB of 50 Hz and 60 Hz rejection. Program-
ming a different cutoff frequency via FS0–FS11 does not alter
the profile of the filter response; it changes the frequency of the
notches as outlined in the Control Register section.
Since the AD7713 contains this on-chip, low-pass filtering,
there is a settling time associated with step function inputs, and
data on the output will be invalid after a step change until the
settling time has elapsed. The settling time depends upon the
notch frequency chosen for the filter. The output data rate
equates to this filter notch frequency, and the settling time of
the filter to a full-scale step input is four times the output data
period. In applications using both input channels, the settling
time of the filter must be allowed to elapse before data from the
second channel is accessed.
Post Filtering
The on-chip modulator provides samples at a 3.9 kHz output
rate. The on-chip digital filter decimates these samples to pro-
vide data at an output rate which corresponds to the pro-
grammed first notch frequency of the filter. Since the output
data rate exceeds the Nyquist criterion, the output rate for a
given bandwidth will satisfy most application requirements.
However, there may be some applications which require a
higher data rate for a given bandwidth and noise performance.
Applications that need this higher data rate will require some
post filtering following the digital filter of the AD7713.
For example, if the required bandwidth is 1.57 Hz but the re-
quired update rate is 20 Hz, the data can be taken from the
AD7713 at the 20 Hz rate giving a –3 dB bandwidth of
5.24 Hz. Post filtering can be applied to this to reduce the band-
width and output noise, to the 1.57 Hz bandwidth level, while
maintaining an output rate of 20 Hz.
Post filtering can also be used to reduce the output noise from
the device for bandwidths below 0.52 Hz. At a gain of 128, the
output rms noise is 250 nV. This is essentially device noise or
white noise, and since the input is chopped, the noise has a flat
frequency response. By reducing the bandwidth below 0.52 Hz,
the noise in the resultant passband can be reduced. A reduction
in bandwidth by a factor of two results in a
√2 reduction in the
output rms noise. This additional filtering will result in a longer
settling time.
Antialias Considerations
The digital filter does not provide any rejection at integer mul-
tiples of the modulator sample frequency (n
× 3.9 kHz, where
n = 1, 2, 3 . . . ). This means that there are frequency bands,
±f
3 dB wide (f3 dB is cutoff frequency selected by FS0 to FS11)
where noise passes unattenuated to the output. However, due to
the AD7713’s high oversampling ratio, these bands occupy only
a small fraction of the spectrum and most broadband noise is
filtered. In any case, because of the high oversampling ratio a
simple, RC, single pole filter is generally sufficient to attenuate
the signals in these bands on the analog input and thus provide
adequate antialiasing filtering.
If passive components are placed in front of the AIN1 and AIN2
inputs of the AD7713, care must be taken to ensure that the
source impedance is low enough so as not to introduce gain er-
rors in the system. The dc input impedance for the AIN1 and
AIN2 inputs is over 1 G
Ω. The input appears as a dynamic load
that varies with the clock frequency and with the selected gain
(see Figure 7). The input sample rate, as shown in Table III,
determines the time allowed for the analog input capacitor, CIN,
to be charged. External impedances result in a longer charge
time for this capacitor, and this may result in gain errors being
AIN
HIGH
IMPEDANCE
> 1G
Ω
RINT (7kΩ typ)
CINT
(11.5pF typ)
SWITCHING FREQ DEPENDS ON
fCLK IN AND SELECTED GAIN
VBIAS
Figure 7. AIN1, AIN2 Input Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com