Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices AD7713 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
REV. C
–24–
AD7713
which is in its single chip mode. The DRDY line from the
AD7713 is connected to the Port PC0 input of the 68HC11 so
the DRDY line is polled by the 68HC11. The DRDY line can
be connected to the IRQ input of the 68HC11 if an interrupt
driven system is preferred. The 68HC11 MOSI and MISO lines
should be configured for wired-or operation. Depending on the
interface configuration, it may be necessary to provide bidirec-
tional buffers between the 68HC11’s MOSI and MISO lines.
The 68HC11 is configured in the master mode with its CPOL
bit set to a logic zero and its CPHA bit set to a logic one.
DVDD
SYNC
RFS
TFS
A0
SDATA
SCLK
MODE
PC0
PC1
PC2
PC3
MISO
MOSI
68HC11
AD7713
DRDY
SS
SCK
DVDD
Figure 18. AD7713 to 68HC11 Interface
AD7713 to ADSP-2105 Interface
An interface circuit between the AD7713 and the ADSP-2105
microprocessor is shown in Figure 19. In this interface, the
AD7713 is configured for its self-clocking mode while the RFS
and TFS pins of the ADSP-2105 are configured as inputs and
the ADSP-2105 serial clock line is also configured as an input.
When the ADSP-2105’s serial clock is configured as an input it
needs a couple of clock pulses to initialize itself correctly before
accepting data. Therefore, the first read from the AD7713 may
not read correct data. In the interface shown, a read operation
to the AD7713 accesses either the output register or the calibra-
tion registers. Data cannot be read from the control register. A
write operation always writes to the control or calibration
registers.
DRDY
is used as the frame synchronization pulse for read op-
erations from the output register and it is decoded with A0 to
drive the RFS inputs of both the AD7713 and the ADSP-2105.
The latched A0 line drives the TFS inputs of both the AD7713
and the ADSP-2105 as well as the AD7713 A0 input.
DVDD
A0
SDATA
SCLK
MODE
A0
DR
ADSP-2105
AD7713
RFS
TFS
DRDY
RFS
TFS
74HC74
Q
D
Q
DT
SCLK
DMWR
Figure 19. AD7713 to ADSP-2105 Interface
READ 1:
MOV A,SBUF;
Read Buffer
RLC A;
Rearrange Data
MOV B.0,C;
Reverse Order of Bits
RLC A; MOV B.1,C; RLC A; MOV B.2,C;
RLC A; MOV B.3,C; RLC A; MOV B.4,C;
RLC A; MOV B.5,C; RLC A; MOV B.6,C;
RLC A; MOV B.7,C;
MOV A,B;
MOV @R0,A; Write Data to Memory
INC R0;
Increment Memory Location
DEC R1
Decrement Byte Counter
MOV A,R1
JZ END
Jump if Zero
JMP WAIT
Fetch Next Byte
END:
SETB 90H
Bring RFS High
FIN:
SJMP FIN
Table VI. 8XC51 Code for Writing to the AD7713
MOV SCON,#00000000B;
Configure 8051 for MODE 0
Operation & Enable Serial Reception
MOV IE,#10010000B;
Enable Transmit Interrupt
MOV IP,#00010000B;
Prioritize the Transmit Interrupt
SETB 91H;
Bring TFS High
SETB 90H;
Bring RFS High
MOV R1,#003H;
Sets Number of Bytes to Be Written
in a Write Operation
MOV R0,#030H;
Start Address in RAM for Bytes
MOV A,#00H;
Clear Accumulator
MOV SBUF,A;
Initialize the Serial Port
WAIT:
JMP WAIT;
Wait for Interrupt
INT ROUTINE:
NOP;
Interrupt Subroutine
MOV A,R1;
Load R1 to Accumulator
JZ FIN;
If Zero Jump to FIN
DEC R1;
Decrement R1 Byte Counter
MOV A,@R;
Move Byte into the Accumulator
INC R0;
Increment Address
RLC A;
Rearrange Data—From LSB First
to MSB First
MOV B.0,C; RLC A; MOV B.1,C; RLC A;
MOV B.2,C; RLC A; MOV B.3,C; RLC A;
MOV B.4,C; RLC A; MOV B.5,C; RLC A;
MOV B.6,C; RLC A: MOV B.7,C; MOV A,B;
CLR 93H;
Bring A0 Low
CLR 91H;
Bring TFS Low
MOV SBUF,A;
Write to Serial Port
RETI;
Return from Subroutine
FIN:
SETB 91H;
Set TFS High
SETB 93H;
Set A0 High
RETI;
Return from Interrupt Subroutine
AD7713 to 68HC11 Interface
Figure 18 shows an interface between the AD7713 and the
68HC11 microcontroller. The AD7713 is configured for its ex-
ternal clocking mode while the SPI port is used on the 68HC11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com