Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 1 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
a
FUNCTIONAL BLOCK DIAGRAM
AD7713
AIN2(+)
AIN2(–)
AIN3
STANDBY
CLOCK
GENERATION
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
CHARGING BALANCING A/D
CONVERTER
AUTO-ZEROED
∑ − ∆
MODULATOR
DIGITAL
FILTER
AGND
DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(+)
AIN1(–)
REF
IN(–)
REF
IN(+)
AVDD DVDD
AVDD
1µA
A = 1 – 128
AVDD
200µA
VBIAS
SYNC
DRDY
TFS
RFS
RTD2
PGA
200µA
RTD1
INPUT
SCALING
M
U
X
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
Three-Channel Programmable Gain Front End
Gains from 1 to 128
Two Differential Inputs
One Single Ended High Voltage Input
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
Bidirectional Microcontroller Serial Interface
Single Supply Operation
Low Power (3.5 mW typ) with Power-Down Mode
(150
W typ)
APPLICATIONS
Loop Powered (Smart) Transmitters
RTD Transducers
Process Control
Portable Industrial Instruments
LC2MOS
Loop-Powered Signal Conditioning ADC
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
AD7713*
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CMOS construction ensures low power dissipation and a hard-
ware programmable power-down mode reduces the standby
power consumption to only 150
µW typical. The part is avail-
able in a 24-pin, 0.3 inch wide, plastic and hermetic dual-in-line
package (DIP) as well as a 24-lead small outline (SOIC) package.
PRODUCT HIGHLIGHTS
1. The AD7713 consumes less than 1 mA in total supply cur-
rent, making it ideal for use in loop-powered systems.
2. The two programmable gain channels allow the AD7713 to
accept input signals directly from a transducer removing a
considerable amount of signal conditioning. To maximize the
flexibility of the part, the high level analog input accepts
4
× V
REF signals. On-chip current sources provide excitation
for three-wire and four-wire RTD configurations.
3. No Missing Codes ensures true, usable, 24-bit dynamic
range coupled with excellent
±0.0015% accuracy. The effects
of temperature drift are eliminated by on-chip self-calibration,
which removes zero-scale and full-scale errors.
4. The AD7713 is ideal for microcontroller or DSP processor
applications with an on-chip control register which allows
control over filter cutoff, input gain, signal polarity and cali-
bration modes. The AD7713 allows the user to read and
write the on-chip calibration registers.
GENERAL DESCRIPTION
The AD7713 is a complete analog front end for low frequency
measurement applications. The device accepts low level signals
directly from a transducer or high level signals (4
× V
REF) and
outputs a serial digital word. It employs a sigma-delta con-
version technique to realize up to 24 bits of no missing codes
performance. The input signal is applied to a proprietary pro-
grammable gain front end based around an analog modulator.
The modulator output is processed by an on-chip digital filter.
The first notch of this digital filter can be programmed via the
on-chip control register allowing adjustment of the filter cutoff
and settling time.
The part features two differential analog inputs and one single-
ended high level analog input as well as a differential reference
input. It can be operated from a single supply (AVDD and DVDD
at +5 V). The part provides two current sources which can be
used to provide excitation in three-wire and four-wire RTD con-
figurations. The AD7713 thus performs all signal conditioning
and conversion for a single, dual or three-channel system.
The AD7713 is ideal for use in smart, microcontroller-based
systems. Gain settings, signal polarity and RTD current control
can be configured in software using the bidirectional serial port.
The AD7713 contains self-calibration, system calibration and
background calibration options and also allows the user to read
and to write the on-chip calibration registers.
*Protected by U.S. Patent No. 5,134,401.


Similar Part No. - AD7713

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7713 AD-AD7713 Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
More results

Similar Description - AD7713

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
LC2MOS Signal Conditioning ADC
REV.E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ANZ AD-AD7713ANZ Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com