Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices AD7713 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2
–25–
REV. C
AD7713
APPLICATIONS
Four-Wire RTD Configurations
Figure 20 shows a four-wire RTD application where the RTD
transducer is interfaced directly to the AD7713. In the four-wire
configuration, there are no errors associated with lead resis-
tances as no current flows in the measurement leads connected
to AIN1(+) and AIN1(–). One of the RTD current sources is
used to provide the excitation current for the RTD. A common
nominal resistance value for the RTD is 100
Ω and, therefore,
the RTD will generate a 20 mV signal which can be handled di-
rectly by the analog input of the AD7713. In the circuit shown,
the second RTD excitation current is used to generate the refer-
ence voltage for the AD7713. This reference voltage is devel-
oped across RREF and applied to the differential reference
inputs. For the nominal reference voltage of +2.5 V, RREF is
12.5 k
Ω. This scheme ensures that the analog input voltage span
remains ratiometric to the reference voltage. Any errors in the
analog input voltage due to the temperature drift of the RTD
current source is compensated for by the variation in the refer-
ence voltage. The typical matching between the two RTD cur-
rent sources is less than 3 ppm/
°C.
AIN1(+)
AIN1(–)
AVDD
AGND
DGND
A = 1 – 128
AD7713
RTD1
RTD
REF IN(+)
REF IN(–)
RTD2
200µA
+5V
RREF
INTERNAL
CIRCUITRY
DVDD
200µA
PGA
Figure 20. Four-Wire RTD Application with the AD7713
Three-Wire RTD Configurations
Figure 21 shows a three-wire RTD configuration using the
AD7713. In the three-wire configuration, the lead resistances
will result in errors if only one current source is used as the
200
µA will flow through R
L1 developing a voltage error between
AIN1(+) and AIN1(–). In the scheme outlined below, the sec-
ond RTD current source is used to compensate for the error in-
troduced by the 200
µA flowing through R
L1. The second RTD
current flows through RL2. Assuming RL1 and RL2 are equal (the
leads would normally be of the same material and of equal
length) and RTD1 and RTD2 match, then the error voltage
across RL2 equals the error voltage across RL1 and no error volt-
age is developed between AIN1(+) and AIN1(–). Twice the
voltage is developed across RL3 but since this is a common-mode
voltage it will not introduce any errors. The reference voltage is
derived from one of the current sources. This gives all the bene-
fits of eliminating RTD tempco errors as outlined in Figure 20.
The voltage on either RTD input can go to within 2 V of the
AVDD supply. The circuit is shown for a +2.5 V reference.
AIN(+)
AIN(–)
AVDD DVDD
AGND
DGND
A = 1 – 128
AD7713
RTD1
RTD2
RTD
12.5k
Ω
INTERNAL
CIRCUITRY
REF IN(+)
REF IN(–)
200µA
PGA
RL1
RL2
RL3
200µA
Figure 21. Three-Wire RTD Application with the AD7713
4–20 mA Loop
The AD7713’s high level input can be used to measure the cur-
rent in 4–20 mA loop applications as shown in Figure 22. In this
case, the system calibration capabilities of the AD7713 can be
used to remove the offset caused by the 4 mA flowing through
the 500
Ω resistor. The AD7713 can handle an input span as
low as 3.2
× V
REF (= 8 V with a VREF of +2.5 V) even though the
nominal input voltage range for the input is 10 V. Therefore, the
full span of the A/D converter can be used for measuring the
current between 4 mA and 20 mA.
REF IN(+)
AIN1(+)
AIN1(–)
AIN3
AGND
DGND
A = 1 – 128
1µA
REF IN(–)
AD7713
4–20mA
LOOP
ANALOG +5V SUPPLY
500
Ω
VOLTAGE
ATTENUATION
AVDD
AVDD
DVDD
INTERNAL
CIRCUITRY
M
U
X
PGA
Figure 22. 4–20 mA Measurement Using the AD7713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com