Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7713 Datasheet HTML 18Page - Analog Devices AD7713 Datasheet HTML 19Page - Analog Devices AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
REV. C
–22–
AD7713
SCLK (I)
SDATA (I)
TFS (I)
A0 (I)
MSB
BIT N
BIT N+1
t32
t26
t30
t27
t36
t35
t35
t36
Figure 13b. External Clocking Mode, Control/Calibration Register Write Operation (TFS Returns High During
Write Operation)
Data to be loaded to the AD7713 must be valid prior to the ris-
ing edge of the SCLK signal. TFS should return high during the
low time of SCLK. After TFS returns low again, the next bit of
the data word to be loaded to the AD7713 is clocked in on next
high level of the SCLK input. On the last active high time of the
SCLK input, the LSB is loaded to the AD7713.
SIMPLIFYING THE EXTERNAL CLOCKING MODE
INTERFACE
In many applications, the user may not require the facility of
writing to the on-chip calibration registers. In this case, the
serial interface to the AD7713 in external clocking modecan be
simplified by connecting the TFS line to the A0 input of the
AD7713 (see Figure 14). This means that any write to the de-
vice will load data to the control register (since A0 is low while
TFS
is low) and any read to the device will access data from the
output data register or from the calibration registers (since A0 is
high while RFS is low). It should be noted that in this arrange-
ment the user does not have the capability of reading from the
control register.
FOUR
INTERFACE
LINES
RFS
AD7713
SDATA
SCLK
TFS
A0
Figure 14. Simplified Interface with TFS Connected to A0
Another method of simplifying the interface is to generate the
TFS
signal from an inverted RFS signal. However, generating
the signals the opposite way around (RFS from an inverted
TFS
) will cause writing errors.
MICROCOMPUTER/MICROPROCESSOR INTERFACING
The AD7713’s flexible serial interface allows for easy interface
to most microcomputers and microprocessors. Figure 15 shows
a flowchart diagram for a typical programming sequence for
reading data from the AD7713 to a microcomputer while Figure
16 shows a flowchart diagram for writing data to the AD7713.
Figures 17, 18 and 19 show some typical interface circuits.
The flowchart of Figure 15 is for continuous read operations
from the AD7713 output register. In the example shown, the
DRDY
line is continuously polled. Depending on the micropro-
cessor configuration, the DRDY line may come to an interrupt
input in which case the DRDY will automatically generate an
interrupt without being polled. The reading of the serial buffer
could be anything from one read operation up to three read
START
CONFIGURE &
INITIALIZE µC/µP
SERIAL PORT
NO
YES
x3
BRING
RFS LOW
REVERSE ORDER OF
BITS
DRDY
LOW?
BRING
RFS, TFS
HIGH
POLL
DRDY
READ SERIAL BUFFER
BRING
RFS HIGH
Figure 15. Flowchart for Continuous Read Operations to
the AD7713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com