Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7713 Datasheet HTML 16Page - Analog Devices AD7713 Datasheet HTML 17Page - Analog Devices AD7713 Datasheet HTML 18Page - Analog Devices AD7713 Datasheet HTML 19Page - Analog Devices AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. C
–20–
AD7713
SDATA (I)
SCLK (O)
TFS (I)
A0 (I)
MSB
LSB
t14
t 9
t 15
t16
t 17
t18
t19
t10
Figure 11. Self-Clocking Mode, Control/Calibration Register Write Operation
Write Operation
Data can be written to either the control register or calibration
registers. In either case, the write operation is not affected by
the DRDY line and the write operation does not have any effect
on the status of DRDY. A write operation to the control register
or the calibration register must always write 24 bits to the
respective register.
Figure 11 shows a write operation to the AD7713. A0 deter-
mines whether a write operation transfers data to the control
register or to the calibration registers. This A0 signal must re-
main valid for the duration of the serial write operation. The
falling edge of TFS enables the internally generated SCLK out-
put. The serial data to be loaded to the AD7713 must be valid
on the rising edge of this SCLK signal. Data is clocked into the
AD7713 on the rising edge of the SCLK signal with the MSB
transferred first. On the last active high time of SCLK, the LSB
is loaded to the AD7713. Subsequent to the next falling edge of
SCLK, the SCLK output is turned off. (The timing diagram of
Figure 11 assumes a pull-up resistor on the SCLK line.)
External Clocking Mode
The AD7713 is configured for its external clocking mode by
tying the MODE pin low. In this mode, SCLK of the AD7713
is configured as an input, and an external serial clock must be
provided to this SCLK pin. This external clocking mode is
designed for direct interface to systems which provide a serial
clock output which is synchronized to the serial data output,
including microcontrollers such as the 80C51, 87C51, 68HC11
and 68HC05 and most digital signal processors.
Read Operation
As with the self-clocking mode, data can be read from either the
output register, the control register or the calibration registers.
A0 determines whether the data read accesses data from the
control register or from the output/calibration registers. This A0
signal must remain valid for the duration of the serial read op-
eration. With A0 high, data is accessed from either the output
register or from the calibration registers. With A0 low, data is
accessed from the control register.
The function of the DRDY line is dependent only on the output
update rate of the device and the reading of the output data reg-
ister. DRDY goes low when a new data word is available in the
output data register. It is reset high when the last bit of data
(either 16th bit or 24th bit) is read from the output register. If
data is not read from the output register, the DRDY line will
remain low. The output register will continue to be updated at
the output update rate, but DRDY will not indicate this. A read
from the device in this circumstance will access the most recent
word in the output register. If a new data word becomes avail-
able to the output register while data is being read from the out-
put register, DRDY will not indicate this and the new data
word will be lost to the user. DRDY is not affected by reading
from the control register or the calibration register.
Data can only be accessed from the output data register when
DRDY
is low. If RFS goes low while DRDY is high, no data
transfer will take place. DRDY does not have any effect on
reading data from the control register or from the calibration regis-
ters.
Figures 12a and 12b show timing diagrams for reading from the
AD7713 in the external clocking mode. Figure 12a shows a
situation where all the data is read from the AD7713 in one
read operation. Figure 12b shows a situation where the data is
read from the AD7713 over a number of read operations. Both
read operations show a read from the AD7713’s output data
register. A read from the control register or calibration registers
is similar, but in these cases the DRDY line is not related to the
read function. Depending on the output update rate, it can go
low at any stage in the control/calibration register read cycle
without affecting the read and its status should be ignored. A
read operation from either the control or calibration registers
must always read 24 bits of data from the respective register.
Figure 12a shows a read operation from the AD7713 where
RFS
remains low for the duration of the data word transmis-
sion. With DRDY low, the RFS input is brought low. The in-
put SCLK signal should be low between read and write
operations. RFS going low places the MSB of the word to be
read on the serial data line. All subsequent data bits are clocked
out on a high to low transition of the serial clock and are valid
prior to the following rising edge of this clock. The penultimate
falling edge of SCLK clocks out the LSB and the final falling
edge resets the DRDY line high. This rising edge of DRDY
turns off the serial data output.
Figure 12b shows a timing diagram for a read operation where
RFS
returns high during the transmission of the word and re-
turns low again to access the rest of the data word. Timing
parameters and functions are very similar to that outlined for
Figure 12a, but Figure 12b has a number of additional times to
show timing relationships when RFS returns high in the middle
of transferring a word.
RFS
should return high during a low time of SCLK. On the
rising edge of RFS, the SDATA output is turned off. DRDY
remains low and will remain low until all bits of the data word
are read from the AD7713, regardless of the number of times
RFS
changes state during the read operation. Depending on the
time between the falling edge of SCLK and the rising edge of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com