Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation PI3101 Datasheet HTML 10Page - Vicor Corporation PI3101 Datasheet HTML 11Page - Vicor Corporation PI3101 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 8 of 18
Output Power Pins +OUT And -OUT:
The output power terminals OUT(+) and OUT(-)
deliver the 18A maximum output current from the
PI3101
through
the
J-lead
output
pins.
This
configuration allows for a low impedance output and
should be connected to multi-layer PCB parallel
planes for best performance. Due to the high
switching frequency, output ripple and noise can be
easily attenuated by adding just a few high quality
X7R ceramic capacitors while retaining adequate
transient
response
for
most
applications.
The
PI3101
does
not
require
any
feedback
loop
compensation nor does it require any opto-isolation.
All isolation is contained within the package. This
greatly simplifies the use of the converter and
eliminates all outside influences of noise on the
quality of the output voltage regulation and feedback
loop. It is important for the user to minimize resistive
connections from the load to the converter output
and to keep stray inductance to a minimum for best
regulation and transient response. The very small
size footprint and height of the PI3101 allows the
converter to be placed in the optimum location to
allow for tight connections to the point of load. For
those applications absolutely requiring very tight
regulation,
contact
Picor
Engineering
at
picorpower.com for a remote sense application
circuit which can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com