Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI3101 Datasheet HTML 10Page - Vicor Corporation PI3101 Datasheet HTML 11Page - Vicor Corporation PI3101 Datasheet HTML 12Page - Vicor Corporation PI3101 Datasheet HTML 13Page - Vicor Corporation PI3101 Datasheet HTML 14Page - Vicor Corporation PI3101 Datasheet HTML 15Page - Vicor Corporation PI3101 Datasheet HTML 16Page - Vicor Corporation PI3101 Datasheet HTML 17Page - Vicor Corporation PI3101 Datasheet HTML 18Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 14 of 18
Typical Performance Characteristics:
Figure 31 Start Up ENABLE Vs VOUT
(VIN = 36V IOUT = 18A Resistive COUT = 4mF CSS = 0.1µF)
Figure 32 Start Up ENABLE Vs VOUT
(VIN = 75V IOUT = 18A Resistive COUT = 4mF CSS = 0.1µF)
Figure 33 Start Up ENABLE Vs IOUT Short Circuit
(VIN = 48V Shorting Bar Across +OUT To -OUT)
Figure 34 Forced Over Temperature
(VIN = 75V TCASE = 135°C IOUT = 27A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com