Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 5 Page - Vicor Corporation

  PI3101 Datasheet HTML 1Page - Vicor Corporation PI3101 Datasheet HTML 2Page - Vicor Corporation PI3101 Datasheet HTML 3Page - Vicor Corporation PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 5 of 18
Electrical Specifications (continued)
Unless otherwise specified: 36V < VIN < 75V, 0A < IOUT < 18A, -40C < TCASE < 100C
(1)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Output Specifications (continued)
Output Turn-off Delay Time
tOFFDLY
10
µs
VIN = VUVOFF to ENABLE < 1.8V
Soft-Start Ramp Time
tSS
380
µs
ENABLE = 5V to 90% Vout
CSS = 0
Maximum Load Capacitance
COUT
10
mF
VIN = 75V, 18A resistive load
CSS = 1µF
Load Transient Deviation
VODV
90
110
mV
IOUT = 25% step 0.1A/µS
COUT = 12x10µF 10V X7R
Load Transient Recovery Time
tOVR
120
µs
IOUT = 25% step 0.1A/µS
COUT = 12x10µF 10V X7R
VOUT - 1%
Maximum Output Power
POUT
60
W
Auxiliary Control Pins
ENABLE
DC Voltage Reference Output
VERO
4.65
4.9
5.15
Vdc
Output Current Limit
(2)
IECL
-3.3
-2.6
-1.9
mAdc
ENABLE = 3.3V
Start Up Current Limit
(2)
IESL
-120
-90
-60
µA
ENABLE = 1V
Module Enable Voltage
VEME
1.95
2.5
3.05
Vdc
Module Disable Voltage
VEMD
1.8
2.35
2.9
Vdc
Disable Hysteresis
VEDH
150
mV
Enable Delay Time
tEE
10
µs
Disable Delay Time
tED
10
µs
Maximum Capacitance
CEC
1500
pF
Maximum External Toggle Rate
fEXT
1
Hz
TRIM/SS
Trim Voltage Reference
VREF
1.22
Vdc
Internal Capacitance
CREFI
100
nF
External Capacitance
CREF
1
µF
Internal Resistance
RREFI
10
k
TM (Temperature Monitor)
Temperature Coefficient
TMTC
10
mV/°K
Temperature Full Range Accuracy
TMACC
-5
5
°K
Drive Capability
ITM
-100
µA
TM Output Setting
VTM
3.00
V
Ambient Temperature = 300°K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com