Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI3101 Datasheet HTML 10Page - Vicor Corporation PI3101 Datasheet HTML 11Page - Vicor Corporation PI3101 Datasheet HTML 12Page - Vicor Corporation PI3101 Datasheet HTML 13Page - Vicor Corporation PI3101 Datasheet HTML 14Page - Vicor Corporation PI3101 Datasheet HTML 15Page - Vicor Corporation PI3101 Datasheet HTML 16Page - Vicor Corporation PI3101 Datasheet HTML 17Page - Vicor Corporation PI3101 Datasheet HTML 18Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 18 of 18
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship
when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or
improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This
warranty is extended to the original purchaser only.
EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR
LIMITED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A
PARTICULAR PURPOSE.
Vicor will repair or replace defective products in accordance with its own best judgment. For service under this
warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping
instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all
charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was
defective within the terms of this warranty.
Information published by Vicor has been carefully checked and is believed to be accurate; however, no
responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without
further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the
application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights
of others. Vicor general policy does not recommend the use of its components in life support applications wherein
a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of
Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all
damages.
Vicor’s comprehensive line of power solutions includes high density AC-DC and DC-DC
modules and accessory components, fully configurable AC-DC and DC-DC power
supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by
Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems,
wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor’s Terms and
Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including U.S. and Foreign Patents and pending patent
applications) related to the products described in this data sheet. Interested parties should contact Vicor’s
Intellectual Property Department.
The products described in this data sheet are protected by the following U.S. Patents Numbers:
6,788,033; 7,154,250; 7,561,446; 7,361,844; D496,906; D506,438; 6,940,013; 7,038,917; 6,969,909; 7,166,898;
6,421,262; 7,368,957; RE 40,072
Vicor Corporation
Picor Corporation
25 Frontage Road
51 Industrial Drive
Andover, MA 01810
North Smithfield, RI 02896
USA
USA
Customer Service: custserv@vicorpower.com
Technical Support: apps@vicorpower.com
Tel: 800-735-6200
Fax: 978-475-6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com