Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 1 Page - Vicor Corporation

  PI3101 Datasheet HTML 1Page - Vicor Corporation PI3101 Datasheet HTML 2Page - Vicor Corporation PI3101 Datasheet HTML 3Page - Vicor Corporation PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 1 of 18
PI3101
Cool-Power
TM Series
36-75V Input, 3.3V / 18A / 60W Output
Very High Density Isolated DC-DC Converter (400W/in
3)
Description
The Cool-Power
TM PI3101 is a very high density
isolated DC-DC converter implementing a high
efficiency soft-switching power architecture. The
PI3101 operates over a wide range input of 36V to
75Vdc, delivering ~60W of output power (3.3Vout @
18A), yielding an unprecedented power density of
400W/in
3. The PI3101 is available in a space saving
surface mountable 0.87” x 0.65” x 0.265” package,
achieving
~50%
space
reduction
versus
conventional solutions.
The switching frequency of 900kHz allows for small
input and output filter components which further
reduces the total size and cost of the overall system
solution. The output voltage is sensed and fed back
to the internal controller using a proprietary isolated
magnetic feedback scheme which allows for high
bandwidth and good common mode noise immunity.
The
PI3101
requires
no
external
feedback
compensation and offers a total solution with a
minimum number of external components. A rich
feature set is offered, including output voltage trim
capability, output over-voltage protection, adjustable
soft-start, over-current protection with auto-restart,
over and under input voltage lockout and a
temperature monitoring and protection function that
provides an analog voltage proportional to the die
temperature as shut down and alarm capabilities.
PI3101-00-HVIZ
36-75Vin, 3.3Vout, 18A
Very High Density Isolated DC-DC Converter
Features
Efficiency up to 87%
High switching frequency minimizes input filter
requirements and reduces output capacitance
Proprietary “Double-Clamped” ZVS Buck-Boost
Topology
Proprietary isolated magnetic feedback
Small footprint (0.57 in
2) enables PCB area
savings
Very low profile (0.265 in)
Wide input voltage range operation (36-75Vdc)
On/Off Control, positive logic
+10/-10% Trim
Temperature Monitor (TM) & Over-Temperature
Protection (OTP)
Input UVLO & OVLO and output OVP
Over current protection with auto restart
Adjustable soft-start
2250V input to output isolation
Applications
Power Over Ethernet (PoE)
Communications
Telecom Systems
Network Power
Package Information
Surface Mountable 0.87” x 0.65” x 0.265”
package
Typical Application Schematic Diagram
Figure 1 Picor PI3101 Shown With System Fuse, Filter,
Decoupling And Extended Soft Start


Similar Part No. - PI3101

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
4Mb / 26P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
2Mb / 18P
Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 26P
28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3101

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
NID60 MEANWELL-NID60_09 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
Vicor Corporation
PI3106 VICOR-PI3106_00 Datasheet
552Kb / 15P
16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106 VICOR-PI3106_01 Datasheet
551Kb / 15P
18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
logo
Ericsson
PKG4428PI ERICSSON-PKG4428PI Datasheet
1Mb / 20P
DC/DC converter Input 36-72 Vdc Output up to 15A/60W
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
60W Single Output DC/DC Converter
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
60W Single Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
60ACBE GAPTEC-60ACBE Datasheet
3Mb / 5P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
60ACMEB GAPTEC-60ACMEB Datasheet
1Mb / 4P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
60ACPO GAPTEC-60ACPO Datasheet
822Kb / 3P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com