Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 3 Page - Vicor Corporation

  PI3101 Datasheet HTML 1Page - Vicor Corporation PI3101 Datasheet HTML 2Page - Vicor Corporation PI3101 Datasheet HTML 3Page - Vicor Corporation PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 3 of 18
Functional Block Diagram
TRIM/SS
+OUT
SGND
-OUT
-IN
+IN
ENABLE
TM
LFF
-
+
RSS
CSS INT
VREF
1.22V
RFB1
CFB1
CFB2
-
+
Error Amp
Driver
-
+
DC
Slow Current Limit
Driver
Synchronous
Rectifier
-
+
DC
Output OVP
-
+
DC
Input UVP
Input OVP
-
+
DC
-
+
DC
Fast Current Limit
Over Temp
-
+
DC
ENB
Period Ramp
-
+
DC
Enable
-
+
DC
On-Duty Ramp
-
+
ZVS POWER
TRAIN
+
-
DC
Timing
Logic
FB
FB
ENB
+5V
EA Fault
-
+
DC
120us
delay
120us
delay
Fault
Latch
And
Reset
Logic
Reset
Fault
RUN
BIAS
START
BIAS
Vcc
Temp
Sensor
ZVS POWER
TRAIN
ZVS
FB
Figure 3 PI3101 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com