Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI3101 Datasheet HTML 2Page - Vicor Corporation PI3101 Datasheet HTML 3Page - Vicor Corporation PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation PI3101 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 6 of 18
Electrical Specifications (continued)
Unless otherwise specified: 36V < VIN < 75V, 0A < IOUT < 18A, -40C < TCASE < 100C
(1)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Thermal Specification
Junction Temperature Shutdown
TMAX
130
135
140
°C
VIN = 48V, Full 18A load
Junction-to-Case Thermal
Impedance
R
J-C
3
°C/W
Case-to-Ambient Thermal Impedance
R
C-A
15
°C/W
Mounted on 4.2 in
2 1oz. Cu 6
layer PCB 25°C
Regulatory Specification
IEC 60950-1:2005 (2
nd Edition),
EN 60950-1:2006
IEC 61000-4-2
UL 60950-1:2007
CAN/CSA C22.2 NO. 60950-1-07
Recommended Input Fuse Rating
IFUSE
3
10
A
Fast acting LITTLEFUSE Nano²
Series Fuse
Mechanical Specifications
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Mechanical Parameters
PI3101 Package Weight
MPKG
7.2
g
No heat sink
2.2
cm
No heat sink
PI3101 Package Length
LPKG
0.87
ins
No heat sink
1.65
cm
No heat sink
PI3101 Package Width
WPKG
0.65
ins
No heat sink
0.673
cm
No heat sink
PI3101 Package Height
HPKG
0.265
ins
No heat sink
Note (1): These parameters are not production tested but are guaranteed by design, characterization and
correlation with statistical process control. Unless otherwise specified, ATE tests are completed at room
temperature.
Note (2): Current flow sourced by a pin has a negative sign.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com