Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3101 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI3101
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101 Datasheet(HTML) 4 Page - Vicor Corporation

  PI3101 Datasheet HTML 1Page - Vicor Corporation PI3101 Datasheet HTML 2Page - Vicor Corporation PI3101 Datasheet HTML 3Page - Vicor Corporation PI3101 Datasheet HTML 4Page - Vicor Corporation PI3101 Datasheet HTML 5Page - Vicor Corporation PI3101 Datasheet HTML 6Page - Vicor Corporation PI3101 Datasheet HTML 7Page - Vicor Corporation PI3101 Datasheet HTML 8Page - Vicor Corporation PI3101 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 4 of 18
Electrical Specifications
Unless otherwise specified: 36V < VIN < 75V, 0A < IOUT < 18A, -40C < TCASE < 100C
(1)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input Specifications
Input Voltage Range
VIN
36
48
75
Vdc
Input dv/dt
(1)
VINDVDT
1.0
V/µs
VIN = 75V
Input Under-Voltage Turn-on
VUVON
32.5
34
35
Vdc
IO = 1.8A
Input Under-Voltage Turn-off
VUVOFF
30.5
32
33
Vdc
IO = 1.8A
Input Under-Voltage Hysteresis
VUVH
2
Vdc
IO = 1.8A
Input Over-Voltage Turn-on
VOVON
75.7
78
81
Vdc
IO = 1.8A
Input Over-Voltage Turn-off
VOVOFF
77.7
80
82.3
Vdc
IO = 1.8A
Input Over-Voltage Hysteresis
VOVH
2
IO = 1.8A
Input Quiescent Current
IQ
2.5
mAdc
VIN = 48V, ENABLE = 0V
Input Idling Power
PIDLE
4.0
W
VIN = 48V, IOUT = 0A
Input Standby Power
PSBY
0.225
W
VIN = 48V, ENABLE = 0V
Input Current Full Load
IIN
1.4
Adc
TCASE = 100C IOUT = 18A FL =
86.5% typical VIN =48V
Input Reflected Ripple Current
IINRR
10
mApp
LIN = 2µH CIN = 47µF 100V
electrolytic + 2x1µF 100V X7R
ceramic
Recommended Ext Input
Capacitance
CIN
49
µF
CIN = 47µF 100V electrolytic +
2x1µF 100V X7R ceramic
CIN = Cbulk + Chf
Output Specifications
Output Voltage Set Point
VOUT
3.3
Vdc
IOUT = 9A
Total Output Accuracy
VOA
-3
+3
%
Line Regulation
VRLI
0.25
%
VIN = 36V-75V, IOUT = 18A
Load Regulation
VRLO
1.5
%
VIN = 48V, IOUT = 0-18A
Output Voltage Trim Range
VOADJ
-10%
10%
%
Output Current Range
IOUT
18
Adc
Over Current Protection
IOCP
18.8
26
33
Adc
Efficiency – Full Load
FL
84.5
86.5
%
TCASE = 100C, VIN =48V
Efficiency – Half Load
HL
84.5
%
TCASE = 100C, VIN =48V
Output OVP Set Point
VOVP
4.1
Vdc
Output Ripple Voltage
VORPP
75
mVpp
COUT = 12x10µF 10V X7R DC-
20MHz using PI3101-EVAL1
Switching Frequency
fSW
900
kHz
Output Turn-on Delay Time
tONDLY
80
ms
VIN = VUVON to ENABLE = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com