Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 5 Page - Analog Devices

  AD9772EB Datasheet HTML 1Page - Analog Devices AD9772EB Datasheet HTML 2Page - Analog Devices AD9772EB Datasheet HTML 3Page - Analog Devices AD9772EB Datasheet HTML 4Page - Analog Devices AD9772EB Datasheet HTML 5Page - Analog Devices AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. A
–5–
AD9772A
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA,
differential transformer coupled output, 50
doubly terminated, unless otherwise noted.)
DIGITAL FILTER SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
MAXIMUM INPUT DATA RATE (fDATA)
150
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width
1: 0.005 dB
0.401
fOUT/fDATA
Passband Width: 0.01 dB
0.404
fOUT/fDATA
Passband Width: 0.1 dB
0.422
fOUT/fDATA
Passband Width: –3 dB
0.479
fOUT/fDATA
LINEAR PHASE (FIR IMPLEMENTATION)
STOPBAND REJECTION
0.606 fCLOCK to 1.394 fCLOCK
73
dB
GROUP DELAY
2
21
Input Clocks
IMPULSE RESPONSE DURATION
–40 dB
36
Input Clocks
–60 dB
42
Input Clocks
NOTES
1Excludes sin(x)/x characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
Specifications subject to change without notice.
FREQUENCY – DC TO
fDATA
0
–140
0
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–20
–40
–60
–80
–100
–120
Figure 2a. FIR Filter Frequency Response—Baseband Mode
TIME – Samples
1
–0.4
0
5
10
15
20
25
30
35
40
45
0.8
0.6
0.4
0.2
0
–0.2
Figure 2b. FIR Filter Impulse Response—Baseband Mode
Table I. Integer Filter Coefficients for Interpolation Filter
(43-Tap Half-Band FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(43)
10
H(2)
H(42)
0
H(3)
H(41)
–31
H(4)
H(40)
0
H(5)
H(39)
69
H(6)
H(38)
0
H(7)
H(37)
–138
H(8)
H(36)
0
H(9)
H(35)
248
H(10)
H(34)
0
H(11)
H(33)
–419
H(12)
H(32)
0
H(13)
H(31)
678
H(14)
H(30)
0
H(15)
H(29)
–1083
H(16)
H(28)
0
H(17)
H(27)
1776
H(18)
H(26)
0
H(19)
H(25)
–3282
H(20)
H(24)
0
H(21)
H(23)
10364
H(22)
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com