Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 15Page - Analog Devices AD9772EB Datasheet HTML 16Page - Analog Devices AD9772EB Datasheet HTML 17Page - Analog Devices AD9772EB Datasheet HTML 18Page - Analog Devices AD9772EB Datasheet HTML 19Page - Analog Devices AD9772EB Datasheet HTML 20Page - Analog Devices AD9772EB Datasheet HTML 21Page - Analog Devices AD9772EB Datasheet HTML 22Page - Analog Devices AD9772EB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. A
AD9772A
–19–
AD9772A
CLK+
CLKVDD
CLK–
CLKCOM
0.1 F
0.1 F
0.1 F
1k
1k
1k
1k
ECL/PECL
Figure 21. Differential Clock Interface
The quality of the clock and data input signals are important in
achieving the optimum performance. The external clock driver
circuitry should provide the AD9772A with a low jitter clock
input which meets the min/max logic levels while providing fast
edges. Although fast clock edges help minimize any jitter that
will manifest itself as phase noise on a reconstructed waveform,
the high gain-bandwidth product of the AD9772A’s differential
comparator can tolerate sine wave inputs as low as 0.5 V p-p,
with minimal degradation in its output noise floor.
Digital signal paths should be kept short and run lengths
matched to avoid propagation delay mismatch. The insertion of
a low- value resistor network (i.e., 50
Ω to 200 Ω) between the
AD9772A digital inputs and driver outputs may be helpful in
reducing any overshooting and ringing at the digital inputs that
contribute to data feedthrough.
SLEEP MODE OPERATION
The AD9772A has a SLEEP function that turns off the output
current and reduces the analog supply current to less than 6 mA
over the specified supply range of 2.8 V to 3.2 V. This mode
can be activated by applying a Logic Level 1 to the SLEEP
pin. The AD9772A takes less than 50 ns to power down and
approximately 15
µs to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9772A is dependent on
several factors, including:
1. AVDD, PLLVDD, CLKVDD, and DVDD, the power sup-
ply voltages.
2. IOUTFS, the full-scale current output.
3. fDATA, the update rate.
4. the reconstructed digital input waveform.
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS, and is insensitive
to fDATA.
Conversely, IDVDD is dependent on both the digital input
waveform and fDATA. Figure 22 shows IDVDD as a function of
full-scale sine wave output ratios (fOUT/fDATA) for various update
rates with DVDD = 3 V. The supply current from CLKVDD
and PLLVDD is relatively insensitive to the digital input wave-
form, but shown directly proportional to the update rate as
shown in Figure 23.
RATIO –
fOUT/fDATA
100
90
40
0.0
80
70
60
50
0.1
0.2
0.3
0.4
0.5
30
20
10
0
fDATA = 160MSPS
fDATA = 125MSPS
fDATA = 100MSPS
fDATA = 65MSPS
fDATA = 50MSPS
fDATA = 25MSPS
Figure 22. IDVDD vs. Ratio @ DVDD = 3.3 V
fDATA – MSPS
25
0
0
20
15
10
5
50
100
150
200
IPLLVDD
ICLKVDD
Figure 23. IPLLVDD and ICLKVDD vs. fDATA
APPLYING THE AD9772A OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD9772A. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 20 mA for optimum performance.
For applications requiring the optimum dynamic performance,
a differential output configuration is highly recommended. A
differential output configuration may consist of either an RF
transformer or a differential op amp configuration. The trans-
former configuration provides the optimum high-frequency
performance and is recommended for any application allowing
for ac coupling. The differential op amp configuration is suitable
for applications requiring dc coupling, a bipolar output, signal
gain, and/or level-shifting.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropriately-sized
load resistor, RLOAD, referred to ACOM. This configuration may
be more suitable for a single-supply system requiring a dc-coupled,
ground-referred output voltage. Alternatively, an amplifier could
be configured as an I-V converter, thus converting IOUTA or
IOUTB into a negative unipolar voltage. This configuration pro-
vides the best dc linearity since IOUTA or IOUTB is maintained at
a virtual ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com