Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 12Page - Analog Devices AD9772EB Datasheet HTML 13Page - Analog Devices AD9772EB Datasheet HTML 14Page - Analog Devices AD9772EB Datasheet HTML 15Page - Analog Devices AD9772EB Datasheet HTML 16Page - Analog Devices AD9772EB Datasheet HTML 17Page - Analog Devices AD9772EB Datasheet HTML 18Page - Analog Devices AD9772EB Datasheet HTML 19Page - Analog Devices AD9772EB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. A
AD9772A
–16–
DAC OPERATION
The 14-bit DAC along with the 1.2 V reference and reference
control amplifier is shown in Figure 14. The DAC consists of a
large PMOS current source array capable of providing up to
20 mA of full-scale current, IOUTFS. The array is divided into
thirty-one equal currents that make up the five most significant
bits (MSBs). The next four bits, or middle bits, consist of 15
equal current sources whose values are 1/16th of an MSB
current source. The remaining LSBs are binary weighted frac-
tions of the middle-bits’ current sources. All of these current
sources are switched to one or the other of two output nodes
(i.e., IOUTA or IOUTB) via PMOS differential current switches.
Implementing the middle and lower bits with current sources,
instead of an R-2R ladder, enhances its dynamic performance
for multitone or low amplitude signals and helps maintain the
DAC’s high output impedance.
REFIO
FSADJ
250pF
REFLO
AVDD
AD9772A
RSET
2k
0.1 F
ACOM
CURRENT
SOURCE
ARRAY
IOUTA
IOUTB
INTERPOLATED
DIGITAL DATA
RLOAD
RLOAD
VDIFF = VOUTA – VOUTB
IOUTA
IOUTB
SEGMENTED
SWITCHES
LSB
SWITCHES
+1.2V REF
2.7V TO 3.6V
IREF
Figure 14. Block Diagram of Internal DAC, 1.2 V
Reference, and Reference Control Circuits
The full-scale output current is regulated by the reference control
amplifier and can be set from 2 mA to 20 mA via an external
resistor, RSET, as shown in Figure 14. RSET, in combination
with both the reference control amplifier and voltage reference,
REFIO, sets the reference current, IREF, which is mirrored to
the segmented current sources with the proper scaling factor.
The full-scale current, IOUTFS, is exactly thirty-two times the
value of IREF.
DAC TRANSFER FUNCTION
The AD9772A provides complementary current outputs, IOUTA
and IOUTB. IOUTA will provide a near full-scale current output,
IOUTFS, when all bits are high (i.e., DAC CODE = 16383) while
IOUTB, the complementary output, provides no current. The
current output appearing at IOUTA and IOUTB is a function of
both the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/16384)
× IOUTFS
(1)
IOUTB = (16383 – DAC CODE)/16384
× IOUTFS
(2)
where DAC CODE = 0 to 16383 (i.e., Decimal Representation).
As previously mentioned, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage
VREFIO, and external resistor, RSET. It can be expressed as:
IOUTFS = 32
× IREF
(3)
where
IREF = VREFIO/RSET
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note
that RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated 50
Ω
or 75
Ω cable. The single-ended voltage output appearing at the
IOUTA and IOUTB nodes is simply:
VOUTA = IOUTA
× R
LOAD
(5)
VOUTB = IOUTB
× R
LOAD
(6)
Note that the full-scale value of VOUTA and VOUTB should not
exceed the specified output compliance range of 1.25 V to pre-
vent signal compression. To maintain optimum distortion and
linearity performance, the maximum voltages at VOUTA and
VOUTB should not exceed
±500 mV p-p.
The differential voltage, VDIFF, appearing across IOUTA and
IOUTB, is:
VDIFF = (IOUTA – IOUTB)
× RLOAD
(7)
Substituting the values of IOUTA, IOUTB and IREF; VDIFF can be
expressed as:
VDIFF = [(2 DAC CODE – 16383)/16384]
×
(32 RLOAD/RSET)
× VREFIO
(8)
The last two equations highlight some of the advantages of
operating the AD9772A differentially. First, the differential
operation will help cancel common-mode error sources such as
noise, distortion and dc offsets associated with IOUTA and IOUTB.
Second, the differential code-dependent current and subsequent
voltage, VDIFF, is twice the value of the single-ended voltage
output (i.e., VOUTA or VOUTB), thus providing twice the signal
power to the load.
Note that the gain drift temperature performance for a single-
ended (VOUTA and VOUTB) or differential output (VDIFF) of the
AD9772A can be enhanced by selecting temperature tracking
resistors for RLOAD and RSET due to their ratiometric relation-
ship as shown in Equation 8.
REFERENCE OPERATION
The AD9772A contains an internal 1.20 V bandgap reference
that can easily be disabled and overridden by an external
reference. REFIO serves as either an output or input, depending
on whether the internal or external reference is selected. If
REFLO is tied to ACOM, as shown in Figure 15, the internal
reference is activated, and REFIO provides a 1.20 V output. In
this case, the internal reference must be compensated externally
with a ceramic chip capacitor of 0.1
µF or greater from REFIO
to REFLO. If any additional loading is required, REFIO should
be buffered with an external amplifier having an input bias cur-
rent less than 100 nA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com