Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices AD9772EB Datasheet HTML 10Page - Analog Devices AD9772EB Datasheet HTML 11Page - Analog Devices AD9772EB Datasheet HTML 12Page - Analog Devices AD9772EB Datasheet HTML 13Page - Analog Devices AD9772EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. A
AD9772A
–10–
fOUT – MHz
90
0
85
80
75
70
65
60
55
50
5
1015
2025
30
–3dBFS
0dBFS
–6dBFS
TPC 10. Third Order IMD Products
vs. fOUT @ fDATA = 65 MSPS
AOUT – dBFS
90
–20
85
80
75
70
65
60
–10
–50
fDATA = 160MSPS
fDATA = 65MSPS
fDATA = 78MSPS
–15
TPC 13. Third Order IMD Products
vs. AOUT @ fOUT = fDAC/11
AVDD – Volts
90
70
50
3.6
3.3
3.0
80
60
85
75
65
55
3.1
3.2
3.4
3.5
–6dBFS
0dBFS
–3dBFS
TPC 16. Third Order IMD Products
vs. AVDD @ fOUT = 10 MHz, fDAC =
320 MSPS
fOUT – MHz
90
0
85
80
75
70
65
60
55
50
5
1015
2025
30
–3dBFS
0dBFS
–6dBFS
35
TPC 11. Third Order IMD Products
vs. fOUT @ fDATA = 78 MSPS
AOUT – dBFS
90
–20
85
80
75
70
65
60
–10
–50
fDATA = 160MSPS
fDATA = 65MSPS
fDATA = 78MSPS
–15
55
50
TPC 14. Third Order IMD Products
vs. AOUT @ fOUT = fDAC/5
fDAC – MHz
90
25
85
80
75
70
65
60
125
175
75
55
50
PLL OFF
PLL ON, OPTIMUM DIV0/1 SETTINGS
TPC 17. SNR vs. fDAC @ fOUT = 10 MHz
fOUT – MHz
90
0
85
80
75
70
65
60
55
50
10
20
30
40
50
60
70
–3dBFS
0dBFS
–6dBFS
TPC 12. Third Order IMD Products
vs. fOUT @ fDATA = 160 MSPS
AVDD – Volts
90
70
50
3.6
3.3
3.0
80
60
85
75
65
55
3.1
3.2
3.4
3.5
–6dBFS
0dBFS
–3dBFS
TPC 15. SFDR vs. AVDD @ fOUT =
10 MHz, fDAC = 320 MSPS
TEMPERATURE – C
90
–40
85
80
75
70
65
60
080
–20
55
50
fDATA = 160MSPS
fDATA = 78MSPS
fDATA = 65MSPS
20
40
60
TPC 18. In-Band SFDR vs. Tempera-
ture @ fOUT = fDATA/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com