Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 21Page - Analog Devices AD9772EB Datasheet HTML 22Page - Analog Devices AD9772EB Datasheet HTML 23Page - Analog Devices AD9772EB Datasheet HTML 24Page - Analog Devices AD9772EB Datasheet HTML 25Page - Analog Devices AD9772EB Datasheet HTML 26Page - Analog Devices AD9772EB Datasheet HTML 27Page - Analog Devices AD9772EB Datasheet HTML 28Page - Analog Devices AD9772EB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. A
AD9772A
–25–
2 P1
1
P1
11
6
10
7
9
8
12
5
13
4
14
3
15
2
16
1
IN13
4 P1
3
P1
IN12
6 P1
5
P1
IN11
8
P1
7
P1
IN10
10 P1
9
P1
IN9
12 P1
11
P1
IN8
14 P1
13
P1
IN7
16 P1
15
P1
IN6
6
7
8
5
4
3
2
1
MSB
DB13
DB12
DB11
DB10
DB9
DB8
DB7
9
10
DB6
RN2
VALUE
RN1
VALUE
6
7
8
5
4
3
2
1
MSB
IN13
IN12
IN11
IN10
IN9
IN8
IN7
9
10
IN6
RN3
VALUE
18 P1
17
P1
11
6
10
7
9
8
12
5
13
4
14
3
15
2
16
1
IN5
20 P1
19
P1
IN4
22 P1
21
P1
IN3
24 P1
23
P1
IN2
26 P1
25
P1
IN1
28 P1
27
P1
IN0
30 P1
29
P1
32 P1
31
P1
6
7
8
5
4
3
2
1
DB5
DB4
DB3
DB2
DB1
DB0
CLOCK
9
10
RESET
RN5
VALUE
RN4
VALUE
6
7
8
5
4
3
2
1
IN5
IN4
IN3
IN2
IN1
IN0
INCLOCK
9
10
INRESET
RN6
VALUE
LSB
LSB
34 P1
33
P1
36 P1
35
P1
38 P1
37
P1
40 P1
39
P1
INCLOCK
INRESET
L1
1
FBEAD
2
DVDD_IN
1
J7
C13
10 F
10V
RED
DVDD
TP22
DGND
1
J8
BLK
TP23
RED
AVDD
TP24
C14
10 F
10V
L2
1
FBEAD
2
AVDD_IN
1
J9
AGND
1
J10
BLK
TP25
RED
CLKVDD
TP26
L3
1
FBEAD
2
CLKVDD_IN
1
J11
C15
10 F
10V
BLK
TP27
CLKGND
1
J12
c
–IN
+IN
U2
–V
+V
AD8055
R15
500
4
7
2
3
OUT
6
1
2
J13
AMPOUT
C18
0.1 F
C17
0.1 F
BLK
TP19
RED
TP20
+VS
–VS
R14
500
R12
500
R4
500
R11
50
R13
50
C16
100pF
JP13
AMP-B
JP12
AMP-A
IA
IB
Figure 37. Drafting Schematic of Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com