Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 19Page - Analog Devices AD9772EB Datasheet HTML 20Page - Analog Devices AD9772EB Datasheet HTML 21Page - Analog Devices AD9772EB Datasheet HTML 22Page - Analog Devices AD9772EB Datasheet HTML 23Page - Analog Devices AD9772EB Datasheet HTML 24Page - Analog Devices AD9772EB Datasheet HTML 25Page - Analog Devices AD9772EB Datasheet HTML 26Page - Analog Devices AD9772EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
REV. A
AD9772A
–23–
BASEBAND SINGLE-CARRIER
The AD9772A is also well suited for wideband single-carrier
applications such as WCDMA and multilevel QAM whose
modulation scheme requires wide dynamic range from the
reconstruction DAC to achieve the out-of-band spectral mask as
well as the in-band CNR performance. Many of these applica-
tions strategically place the carrier frequency at one quarter of
the DAC’s input data rate (i.e., fDATA/4) to simplify the digital
modulator design. Since this constitutes the first fixed IF fre-
quency, the frequency tuning is accomplished at a later IF stage.
To enhance the modulation accuracy as well as reduce the shape
factor of the second IF SAW filter, many applications will often
specify the passband of the IF SAW filter be greater than the
channel bandwidth. The trade-off is that the TxDAC must now
meet the particular application’s spectral mask requirements
within the extended passband of the 2nd IF, which may include
two or more adjacent channels.
Figure 33 shows a spectral plot of the AD9772A reconstructing
a test vector similar to those encountered in WCDMA applica-
tions with the following exception. WCDMA applications
prescribe a root raised cosine filter with an alpha = 0.22, which
limits the theoretical ACPR of the TxDAC to about 70 dB. This
particular test vector represents white noise that has been band-
limited by a “brickwall” bandpass filter with the same passband
such that its maximum ACPR performance is theoretically
83 dB and its peak-to-rms ratio is 12.4 dB. As Figure 33 reveals,
the AD9772A is capable of approximately 78 dB ACPR per-
formance when one accounts for the additive noise/distortion
contributed by the FSEA30 spectrum analyzer.
–30
CENTER 16.25MHz
SPAN 6MHz
600kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
C11
C11
C0
C0
Cu1
Cu1
Figure 33. AD9772A Achieves 78 dB ACPR Performance
Reconstructing a “WCDMA-Like” Test Vector with fDATA =
65.536 MSPS and PLLVDD = 0
DIRECT IF
As discussed in the Digital Modes of Operation section, the
AD9772A can be configured to transform digital data represent-
ing baseband signals into IF signals appearing at odd multiples
of the input data rate (i.e., N
fDATA where N = 1, 3, . . .). This
is accomplished by configuring the MOD1 and MOD0 digital
inputs HIGH. Note, the maximum DAC update rate of 400 MSPS
limits the data input rate in this mode to 100 MSPS when the
“zero-stuffing operation” is enabled (i.e., MOD1 High). Appli-
cations requiring higher IFs (i.e., 140 MHz) using higher data
rates should disable the “zeros-stuffing” operation. Also, to
minimize the effects of the PLL Clock Multipliers phase noise
as shown in Figure 9, an external low jitter/phase noise clock
source equal to 4
× f
DATA is recommended.
Figure 34 shows the actual output spectrum of the AD9772A
reconstructing a 16-QAM test vector with a symbol rate of
5 MSPS. The particular test vector was centered at fDATA/4 with
fDATA = 100 MSPS, and fDAC = 400 MHz. For many applica-
tions, the pair of images appearing around fDATA will be more
attractive since they have the flattest passband and highest signal
power. Higher images can also be used with the understanding
that these images will have reduced passband flatness, dynamic
range, and signal power, thus reducing the CNR and ACP per-
formance. Figure 35 shows a dual tone SFDR amplitude sweep
at the various IF images with fDATA = 100 MSPS and fDAC =
400 MHz and the two tones centered around fDATA/4. Note,
since an IF filter is assumed to precede the AD9772A, the
SFDR was measured over a 25 MHz window around the images
occurring at 75 MHz, 125 MHz, 275 MHz, and 325 MHz.
Regardless of what image is selected for a given application, the
adjacent images must be sufficiently filtered. In most cases, a
SAW filter providing differential inputs represents the optimum
device for this purpose. For single-ended SAW filters, a balanced-
to-unbalanced RF transformer is recommended. The AD9772A’s
high output impedance provides a certain amount of flexibility
in selecting the optimum resistive load, RLOAD, as well as any
matching network.
FREQUENCY – MHz
0
–30
–50
–70
–90
–100
–80
–60
–40
–20
100
200
300
400
Figure 34. Spectral Plot of 16-QAM Signal in Direct IF
Mode at fDATA = 100 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com