Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 22Page - Analog Devices AD9772EB Datasheet HTML 23Page - Analog Devices AD9772EB Datasheet HTML 24Page - Analog Devices AD9772EB Datasheet HTML 25Page - Analog Devices AD9772EB Datasheet HTML 26Page - Analog Devices AD9772EB Datasheet HTML 27Page - Analog Devices AD9772EB Datasheet HTML 28Page - Analog Devices AD9772EB Datasheet HTML 29Page - Analog Devices AD9772EB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
REV. A
AD9772A
–26–
36
34
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
U1
AD9772A
MSB DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DVDD
C8
0.1 F
C7
0.1 F
TP14
TP15
RED
BLK
C6
1 F
C5
0.1 F
AVDD
RED
TP16
BLK
TP17
WHT
TP5
WHT
TP6
C4
0.1 F
R10
1.91k
R6
50
TP11
SLEEP
WHT
REFLO
INT REF
A
B
1
2
3
JP4
EXT REF
AVDD
CLK–
CLK+
DIV0
DIV1
PLL-LOCK
LPF
35
33
R5
VAL
C1
VAL
PLLVDD
NOTE:
SHIELD AROUND R5, C1
CONNECTED TO PLLVDD
c
C9
1 F
C10
0.1 F
CLKVDD
A
B
1
2
3
JP6
A
B
1
2
3
JP5
A
B
1
2
3
JP7
CLKVDD
RED
TP7
RESET
TP10
WHT
TP1
WHT
MOD0
c
A
B
1
2
3
JP11
H
L
H
L
A
B
1
2
3
JP10
DVDD
DGND
MOD1
TP2
WHT
C11
0.1 F
C12
1 F
DVDD
TP3
WHT
TP4
WHT
1
2
c
J1
TP28
WHT
CONNECT GNDs AS SHOWN UNDER
USING BOTTOM SIGNAL LAYER
c
c
NOTE:
LOCATE ALL DECOUPLING CAPS (C5 – C12) AS CLOSE AS POSSIBLE TO DUT,
PREFERABLY UNDER DUT ON BOTTOM SIGNAL LAYER.
JP8
EDGE
CLOCK
A
B
1
2
3
JP3
SE
DF
DF
CLKVDD
R2
1k
c
R3
1k
C19
0.1 F
A
B
1
2
3
JP2
T1
1
2
3
S
SE
P
6
4
c
JP1
DF
1
2
c
CLOCK
J3
WHT
TP12
A
B
1
2
3
JP9
DF
SE
R1
50
c
T2
3
2
1
S
P
4
6
R17
VAL
R16
VAL
1
2
J6
IOUT
R8
50
C3
10pF
IA
R9
OPT
IB
C2
10pF
R7
50
Figure 38. Drafting Schematic of Evaluation Board (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com