Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 3 Page - Analog Devices

  AD9772EB Datasheet HTML 1Page - Analog Devices AD9772EB Datasheet HTML 2Page - Analog Devices AD9772EB Datasheet HTML 3Page - Analog Devices AD9772EB Datasheet HTML 4Page - Analog Devices AD9772EB Datasheet HTML 5Page - Analog Devices AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. A
–3–
AD9772A
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
400
MSPS
Output Settling Time (tST) (to 0.025%)
11
ns
Output Propagation Delay
1 (t
PD)17
ns
Output Rise Time (10% to 90%)
2
0.8
ns
Output Fall Time (10% to 90%)
2
0.8
ns
Output Noise (IOUTFS = 20 mA)
50
pA
√Hz
AC LINEARITY—BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 65 MSPS; fOUT = 1.01 MHz
82
dBc
fDATA = 65 MSPS; fOUT = 10.01 MHz
75
dBc
fDATA = 65 MSPS; fOUT = 25.01 MHz
73
dBc
fDATA = 160 MSPS; fOUT = 5.02 MHz
82
dBc
fDATA = 160 MSPS; fOUT = 20.02 MHz
75
dBc
fDATA = 160 MSPS; fOUT = 50.02 MHz
65
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 65 MSPS; fOUT1 = 5.01 MHz; fOUT2 = 6.01 MHz
85
dBc
fDATA = 65 MSPS; fOUT1 = 15.01 MHz; fOUT2 = 17.51 MHz
75
dBc
fDATA = 65 MSPS; fOUT1 = 24.1 MHz; fOUT2 = 26.2 MHz
68
dBc
fDATA = 160 MSPS; fOUT1 = 10.02 MHz; fOUT2 = 12.02 MHz
85
dBc
fDATA = 160 MSPS; fOUT1 = 30.02 MHz; fOUT2 = 35.02 MHz
70
dBc
fDATA = 160 MSPS; fOUT1 = 48.2 MHz; fOUT2 = 52.4 MHz
65
dBc
Total Harmonic Distortion (THD)
fDATA = 65 MSPS; fOUT = 1.0 MHz; 0 dBFS
–80
dB
fDATA = 78 MSPS; fOUT = 10.01 MHz; 0 dBFS
–74
dB
Signal-to-Noise Ratio (SNR)
fDATA = 65 MSPS; fOUT = 16.26 MHz; 0 dBFS
71
dB
fDATA = 100 MSPS; fOUT = 25.1 MHz; 0 dBFS
71
dB
Adjacent Channel Power Ratio (ACPR)
WCDMA with 4.1 MHz BW, 5 MHz Channel Spacing
IF = 16 MHz, fDATA = 65.536 MSPS
78
dBc
IF = 32 MHz, fDATA = 131.072 MSPS
68
dBc
Four-Tone Intermodulation
15.6 MHz, 15.8 MHz, 16.2 MHz and 16.4 MHz at –12 dBFS
88
dBFS
fDATA = 65 MSPS, Missing Center
AC LINEARITY—IF MODE
Four-Tone Intermodulation at IF = 70 MHz
68.1 MHz, 69.3 MHz, 71.2 MHz and 72.0 MHz at –20 dBFS
77
dBFS
fDATA = 52 MSPS, fDAC = 208 MHz
NOTES
1Propagation delay is delay from CLK input to DAC update.
2Measured single-ended into 50
Ω load.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 3.3 V, IOUTFS = 20 mA,
differential transformer coupled output, 50
doubly terminated, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com