Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 8 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 4Page - Analog Devices AD9807JS Datasheet HTML 5Page - Analog Devices AD9807JS Datasheet HTML 6Page - Analog Devices AD9807JS Datasheet HTML 7Page - Analog Devices AD9807JS Datasheet HTML 8Page - Analog Devices AD9807JS Datasheet HTML 9Page - Analog Devices AD9807JS Datasheet HTML 10Page - Analog Devices AD9807JS Datasheet HTML 11Page - Analog Devices AD9807JS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9807/AD9805
–8–
REV. 0
R0, G0, B0
R1, G1, B1
Rn, Gn, Bn
tAD
tAD
tC1A
tC2C1A
tCRA
tS
tH
tGOH
tGOS
tCP2
tC1AD
tACLK tACLK
tSTL1
RG
B
R
G
B
R
G
B
ANALOG
INPUTS
STRTLN
CDSCLK1
CDSCLK2
ADCCLK
GAIN<n:0>
OFFSET<m:0>
R0
G0
B0
R1
G1
B1
tC2A
tC1C2A
Figure 1a. 3-Channel CDS-Mode Clock Timing
tGOH
tGOS
tCP
tC2A
tACLK tACLK
tSTL1
CDSCLK1
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tCRA
tS
tH
STRTLN
tAD
(0V)
ANALOG
INPUTS
R0, G0, B0
R1, G1, B1
Rn, Gn, Bn
Figure 1b. 3-Channel SHA-Mode Clock Timing
PIXEL 0
tS
tH
tGOH
tGOS
tC1B
tC2C1B
tCRB
CDSCLK1
tC1C2B
PIXEL 1
PIXEL n
tAD
tAD
ANALOG
INPUTS
STRTLN
CDSCLK2
tACLK
tACLK
G2
G1
G0
tCP
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tC2B
tSTL2
Figure 1c. 1-Channel CDS-Mode Clock Timing (for B and G Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com