Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 11Page - Analog Devices AD9807JS Datasheet HTML 12Page - Analog Devices AD9807JS Datasheet HTML 13Page - Analog Devices AD9807JS Datasheet HTML 14Page - Analog Devices AD9807JS Datasheet HTML 15Page - Analog Devices AD9807JS Datasheet HTML 16Page - Analog Devices AD9807JS Datasheet HTML 17Page - Analog Devices AD9807JS Datasheet HTML 18Page - Analog Devices AD9807JS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9807/AD9805
–15–
REV. 0
R (n–2)
G (n–2)
B (n–2)
R (n–1)
G (n–1)
B (n–1)
R (n)
PIXEL n
PIXEL n+1
PIXEL n+2
R, G, B
R, G, B
R, G, B
RG
B
R
G
B
R
G
B
RIN, GIN, BIN
CDSCLK1
CDSCLK2
ADCCLK
DATA<11:0>
G (n+1)
B (n+1)
R (n+2)
G (n+2)
B (n+2)
R (n+3)
GAIN<n:0>
GAIN<m:0>
R (n)
G (n)
B (n)
R (n+1)
Figure 12. DOUT Latency, 3-Channel CDS Mode
tOD
tHZ
tEDV
ADCCLK
DATA<11:0>
OEB
Figure 11. Digital Output Timing
is inverted and amplified by the PGA; the setting in the corre-
sponding PGA Gain Register determines the gain of the PGA.
The output from the PGA is then routed through a high speed
multiplexer to a 12-bit A/D converter (10-bit for AD9805) for
digitization; the multiplexer does cycle in this mode. After
digitization, the data is modified by the amount indicated in
the Even Offset Registers. A digital subtracter allows additional
pixel rate offset modification of the signal based on the values
written to the OFFSET data bus. Finally, a digital multiplier
allows pixel rate gain modification of the signal based on the
values written to the GAIN data bus. Latency is 6 ADCCLK
cycles (7 cycles for the gain and offset bus; see Figure 14).
The state of STRTLN is evaluated on the rising edges of
ADCCLK. When STRTLN is low, the internal circuitry is
reset on the next rising edge of ADCCLK; the odd/even
circuitry is configured to expect even pixels.
This feature has been included to accommodate the use of the
part with an area CCD (Bayer Mode). The mode is initiated by
writing a one to the LSB of the register at Address 7 (see Figure
21). The write to enable the mode should be performed when
the STRTLN input is inactive (low) and the ADCCLK is running.
The first pixel after an active edge on STRTLN will be a green
pixel. All pixels in Bayer Mode are even and use the even offset
registers. The line will continue alternating GRGRGR pixels
until STRTLN goes inactive. The next line will be BGBGBG
pixels (the first pixel after the active STRTLN edge being blue).
Line type will then alternate between GRGRGR and BGBGBG
type. To reset the next line to GRGRGR type at the start of the
next frame/image, rewrite the Bayer mode enable bit to a one
during the inactive STRTLN period. All red and blue pixels
pass through the blue channel of the part and use the blue PGA
and offset registers. To use a different offset/PGA gain value the
register must be written to between lines. Green pixels on either
line type pass through the green channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com