Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 19 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 15Page - Analog Devices AD9807JS Datasheet HTML 16Page - Analog Devices AD9807JS Datasheet HTML 17Page - Analog Devices AD9807JS Datasheet HTML 18Page - Analog Devices AD9807JS Datasheet HTML 19Page - Analog Devices AD9807JS Datasheet HTML 20Page - Analog Devices AD9807JS Datasheet HTML 21Page - Analog Devices AD9807JS Datasheet HTML 22Page - Analog Devices AD9807JS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9807/AD9805
–19–
REV. 0
To calibrate the AD9807/AD9805 for a particular scan, use the
following sequence.
SET DIGITAL GAIN RANGE
YES
NO
SET PGA GAIN(S)
(INPUT OFFSET = 0mV)
SCAN DARK LINE
COMPUTE PIXEL OFFSETS
SET INPUT OFFSET
SET ODD/EVEN OFFSET
SET GAIN/OFFSET BUS SIZE
SET EXTERNAL PIXEL OFFSET VECTORS
SCAN WHITE LINE
NO
ADJUST
PGA GAIN(S)
?
COMPUTE PIXEL GAINS
SET
ANOTHER
COLOR
?
YES
Figure 20. Calibration
Power-On Initialization and Calibration Sequence
When the AD9807/AD9805 is powered on, the following
sequence should be used to initialize the part to a known state.
The digital gain and offset buses are disabled until the calibra-
tion sequence. The Bayer mode register must be written to and
set to zero if this mode is not going to be used.
WRITE TO CONFIGURATION REGISTER
SET DIGITAL GAIN RANGE TO 000
SET GAIN/OFFSET BUS SIZE TO 000
SET COLOR POINTER
OPTIONAL READBACK
FROM REGISTERS
WRITE TO PGA GAIN REGISTER
SET TO GAIN OF ONE (0000)
WRITE TO INPUT OFFSET REGISTER
SET TO 0mV (11001100)
WRITE TO CONFIGURATION 2 REGISTER
SET CDS OR SHA OPERATION
SET 3-CHANNEL OR 1-CHANNEL MODE
SET ADC FULL-SCALE RANGE
SET CLAMP MODE
WRITE TO BAYER MODE REGISTER
SET MODE ON OR OFF
YES
NO
CHANGE
POINTER
SET
ANOTHER
COLOR
?
Figure 19. Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com