Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 11 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 7Page - Analog Devices AD9807JS Datasheet HTML 8Page - Analog Devices AD9807JS Datasheet HTML 9Page - Analog Devices AD9807JS Datasheet HTML 10Page - Analog Devices AD9807JS Datasheet HTML 11Page - Analog Devices AD9807JS Datasheet HTML 12Page - Analog Devices AD9807JS Datasheet HTML 13Page - Analog Devices AD9807JS Datasheet HTML 14Page - Analog Devices AD9807JS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9807/AD9805
–11–
REV. 0
7
6
5
4
32
10
8X FULL SCALE
4X FULL SCALE
2X FULL SCALE
10-BIT GAIN, 10-BIT OFFSET
11-BIT GAIN, 9-BIT OFFSET
12-BIT GAIN, 8-BIT OFFSET
COLOR0
COLOR1
Figure 5. AD9807 Configuration Register Format
Configuration Register/AD9805
The Configuration Register controls three functions: a color
pointer, gain and offset pin configurations, and digital gain
scaling. Figure 6 shows the AD9805 Configuration Register.
Bits 0–2 control the digital scaling function. Setting a Bit
makes the corresponding condition true. Resetting Bits 0–2
disables and bypasses the digital multiplier. Bits 3–5 control
the gain and offset pin distribution. Resetting Bits 3–5 disables
and bypasses the digital subtracter and sets the gain word width
to 10. Setting any bit makes the corresponding condition true.
If Bit 3 is set, the 2 LSBs of the gain word become the 2 MSBs
of the offset word. If Bit 4 is set, the LSB of the gain word
becomes MSB of the offset word. Bits 6 and 7 direct register
data written to the MPU<7:0> bus to the appropriate red,
green or blue register.
7
6
5
4
32
10
8X FULL SCALE
4X FULL SCALE
2X FULL SCALE
8-BIT GAIN, 10-BIT OFFSET
9-BIT GAIN, 9-BIT OFFSET
10-BIT GAIN, 8-BIT OFFSET
COLOR0
COLOR1
Figure 6. AD9805 Configuration Register Format
REGISTER OVERVIEW
MPU Port Map
Table II shows the MPU Port Map. The MPU Port Map is
accessed through pins A0, A1 and A2 of the AD9807/AD9805,
and provides the decoding scheme for the various registers of
the AD9807/AD9805. When writing or reading from any of the
registers, the appropriate bits must be applied to A0–A2.
Table II. MPU Port Map Format
A2
A1
A0
Register
0
0
0
Configuration Register
0
0
1
Configuration Register 2
0
1
0
PGA Gain Register
0
1
1
Odd Offset Register
1
0
0
Even Offset Register
1
0
1
Input Offset Register
1
1
0
RESERVED
1
1
1
Bayer Mode
Configuration Register/AD9807
The Configuration Register controls three functions: a color
pointer, gain and offset pin configurations, and digital gain
scaling. Figure 5 shows the AD9807 Configuration Register.
Bits 0–2 control the digital scaling function. Setting a bit makes
the corresponding condition true. Resetting Bits 0–2 disables
and bypasses the digital multiplier. Bits 3–5 control the gain
and offset pin distribution. Resetting Bits 3–5 disables and
bypasses the digital subtracter and sets the gain word width to
12. Setting any bit makes the corresponding condition true. For
example, if Bit 3 is set, the 2 LSBs of the gain word become the
2 MSBs of the offset word. If Bit 4 is set, the LSB of the gain
word becomes MSB of the offset word. Bits 6 and 7 direct
register data written to the MPU<7:0> bus to the appropriate
red, green or blue register.
Figure 4. Block Diagram
12-BIT/10-BIT
A/D
PGA
PGA
PGA
GREEN
RED
BLUE
CDS
MUX
BANDGAP
REFERENCE
CONFIGURATION
REGISTER
2
8-10
MPU
PORT
CSB
RDB
WRB
A2
A1
A0
VREF
OFFSET<M:0>
GAIN<N:0>
CDSCLK1
CDSCLK2
VINR
VING
VINB
DOUT<11:0>/MPU<7:0>
CDS
CDS
STRTLN ADCCLK
CONFIGURATION
REGISTER
REVEN
GEVEN
BEVEN
R
G
B
RODD
GODD
BODD
R
G
B
INPUT OFFSET
REGISTER
12
SUBTRACTOR
DIGITAL
–
MULTIPLIER
DIGITAL
X
12
12-10/10-8
8
12
12
I/O
OEB
AD9807/AD9805
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com