Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 2 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 2 Page - Analog Devices

  AD9807JS Datasheet HTML 1Page - Analog Devices AD9807JS Datasheet HTML 2Page - Analog Devices AD9807JS Datasheet HTML 3Page - Analog Devices AD9807JS Datasheet HTML 4Page - Analog Devices AD9807JS Datasheet HTML 5Page - Analog Devices AD9807JS Datasheet HTML 6Page - Analog Devices AD9807JS Datasheet HTML 7Page - Analog Devices AD9807JS Datasheet HTML 8Page - Analog Devices AD9807JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
–2–
REV. 0
Parameter
Min
Typ
Max
Units
RESOLUTION
12
Bits
CONVERSION RATE
3-Channel Mode With CDS
6
MSPS
1-Channel Mode With CDS
1
6
MSPS
DC ACCURACY
Integral Nonlinearity (INL)
2
1.5
LSB
Differential Nonlinearity (DNL)
2
0.4
0.75
LSB
No Missing Codes
12
Bits Guaranteed
Unipolar Offset Error (@ +25
°C)
0.4
% FSR
Gain Error (@ +25
°C)
1.2
% FSR
ANALOG INPUTS
Full-Scale Input Span
0.0625
4
V p-p
Input Limits
3
AVSS – 0.3 V
AVDD + 0.3
V
Input Capacitance
10
pF
Input Bias Current
0.01
µA
Input Referred Noise
0.3
LSB rms
PSRR (AVDD = +5 V ± 0.25 V)
0.06
% FSR
INTERNAL VOLTAGE REFERENCE
1 V Output Tolerance (@+25
°C)
±15
mV
2 V Output Tolerance (@+25
°C)
±30
mV
POWER SUPPLIES
Operating Voltages
AVDD
+4.75
+5.25
V
DVDD
+4.75
+5.25
V
Operating Current
AVDD
73
86
mA
DVDD
16.6
20
mA
POWER CONSUMPTION
450
530
mW
TEMPERATURE RANGE
Operating
0
+70
°C
NOTES
1Blue and green channels. Red channel conversion rate for 1-channel mode is 5 MSPS.
2Measured with 4 V p-p input range.
3Input signals exceeding these limits are subject to excessive overvoltage recovery times.
Specifications subject to change without notice.
ANALOG SPECIFICATIONS
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage (IOH = 50
µA)
VOH
4.5
4.9
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
V
Low Level Output Voltage (IOL = 50
µA)
VOL
0.1
V
Low Level Output Voltage (IOL = –0.6 mA)
VOL
0.4
V
Output Capacitance
COUT
5pF
Specifications subject to change without notice.
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, fADCCLK = 6 MSPS, fCDSCLK1 = 2 MSPS, fCDSCLK2 = 2 MSPS,
CL = 20 pF, unless otherwise noted)
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, fADCCLK = 6 MSPS, fCDSCLK1 = 2 MSPS, fCDSCLK2 = 2 MSPS,
PGA Gain = 1 unless otherwise noted)
AD9807–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com